Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSS1004 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSS1004
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSS1004 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSS1004 Datasheet HTML 1Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 2Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 3Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 4Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 5Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 6Page - GOOD-ARK Electronics SSS1004 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSS1004
100V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
180
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
130
IDM
Pulsed Drain Current
670
A
Power Dissipation
375
W
PD @TC = 25°C
Linear Derating Factor
2.5
W/°C
VDS
Drain-Source Voltage
100
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
1045
mJ
IAS
Avalanche Current @ L=0.3mH
83.5
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +175
°C
VDSS
100V
RDS(on)
3.4mΩ (typ.)
ID
180A
TO-220
Marking and Pin
Assignment
Schematic Diagram
Advanced Process Technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Lead free product
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSS1004

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSS1004 SILIKRON-SSS1004 Datasheet
487Kb / 8P
   Advanced Process Technology
SSS1004A7 SILIKRON-SSS1004A7 Datasheet
367Kb / 7P
   Advanced Process Technology
More results

Similar Description - SSS1004

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com