Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE712E Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE712E
Description  5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE712E Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

  ACE712E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ACE712E
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
8
PCB GUIDELINES
A typical ACE712E demo board is shown below, where you may find only 3-4 peripheral devices are
needed.
Please place the 2 output capacitors (C2, and C3) as close
to the chip (U1) as possible.
The input
capacitor C1 is also recommended to be placed close to chip.
Notes
ACE does not assume any responsibility for use as critical components in life support devices or systems
without the express written approval of the president and general counsel of ACE Electronics Co., LTD.
As sued herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and shoes failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can
be reasonably expected to cause the failure of the life support device or system, or to affect its safety
or effectiveness.
ACE Technology Co., LTD.
http://www.ace-ele.com/


Similar Part No. - ACE712E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
   High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
More results

Similar Description - ACE712E

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
   5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
   5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1087 ETA-ETA1087 Datasheet
190Kb / 1P
   5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
logo
Monolithic Power System...
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
   3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
   1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
   3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
   3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com