Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8815AE Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8815AE
Description  ISO-CMOS 8 x 12 Analog Switch Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8815AE Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8815AE Datasheet HTML 1Page - Mitel Networks Corporation MT8815AE Datasheet HTML 2Page - Mitel Networks Corporation MT8815AE Datasheet HTML 3Page - Mitel Networks Corporation MT8815AE Datasheet HTML 4Page - Mitel Networks Corporation MT8815AE Datasheet HTML 5Page - Mitel Networks Corporation MT8815AE Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISO-CMOS
MT8815
3-41
Functional Description
The MT8815 is an analog switch matrix with an array
size of 8×12. The switch array is arranged such that
there are 8 columns by 12 rows. The columns are
referred to as the Y inputs/outputs and the rows are
the X inputs/outputs. The crosspoint analog switch
array will interconnect any X I/O with any Y I/O when
turned on and provide a high degree of isolation
when turned off. The control memory consists of a 96
bit write only RAM in which the bits are selected by
the address inputs (AY0-AY2, AX0-AX3). Data is
presented to the memory on the DATA input. Data is
asynchronously written into memory whenever the
STROBE input is high and is latched on the falling
edge of STROBE.
A logical “1” written into a
memory cell turns the corresponding crosspoint
switch on and a logical “0” turns the crosspoint off.
Only the crosspoint switches corresponding to the
addressed memory location are altered when data is
written into memory. The remaining switches retain
their previous states. Any combination of X and Y
inputs/outputs can be interconnected by establishing
appropriate patterns in the control memory. A logical
“1” on the RESET input will asynchronously return all
memory locations to logical
“0”
turning
off
all
crosspoint switches.
Two voltage reference pins
(VSS and VEE) are provided for the MT8815 to
enable switching of negative analog signals.
The
range for digital signals is from VDD to VSS while the
range for analog signals is from VDD to VEE. VSS
and VEE pins can be tied together if a single voltage
reference is needed.
Address Decode
The seven address inputs along with the STROBE
are logically ANDed to form an enable signal for the
resettable transparent latches. The DATA input is
buffered and is used as the input to all latches. To
write to a location, RESET must be low while the
address and data are set up. Then the STROBE
input is set high and then low causing the data to be
latched. The data can be changed while STROBE is
high, however, the corresponding switch will turn on
and off in accordance with the DATA input. DATA
must be stable on the falling edge of STROBE
in
order for correct data to be written to the latch.


Similar Part No. - MT8815AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
logo
Mitel Networks Corporat...
MT8812AC MITEL-MT8812AC Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8812AE MITEL-MT8812AE Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8812AP MITEL-MT8812AP Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
More results

Similar Description - MT8815AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Mitel Networks Corporat...
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 4 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com