Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25Q512G Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE25Q512G
Description  512K BIT SPI NOR FLASH Memory Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q512G Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE25Q512G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ACE25Q512G
512K BIT SPI NOR FLASH Memory Series
VER 1.1
9
Write Protect Features
1. Software Protection: The Block Protect (SEC, TB, BP2, BP1, BP0) bits define the section of the
memory array that can be read but not change.
2.Hardware Protection: /WP going low to protected the BP0~SEC bits and SRP0~1 bits.
3.Deep Power-Down: In Deep Power-Down Mode, all instructions are ignored except the
Release from deep Power-Down Mode instruction.
4.Write Enable: The Write Enable Latch (WEL) bit must be set prior to every Page Program, Sector
Erase, Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers
instruction.
Status Register Memory Protection
Protect Table
Table 6 ACE25Q512G Status Register Memory Protection
Status Register Content
Memory Content
SEC
TB
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
X
X
0
0
NONE
NONE
NONE
NONE
0
X
X
0
1
0
000000H-00FFFFH
64KB
ALL
0
X
X
1
X
0
000000H-00FFFFH
64KB
ALL
1
X
0
0
0
NONE
NONE
NONE
NONE
1
0
0
0
1
0
00F000H-00FFFFH
4KB
Top Block
1
0
0
1
0
0
00E000H-00FFFFH
8KB
Top Block
1
0
0
1
1
0
00C000H-00FFFFH
16KB
Top Block
1
0
1
0
X
0
008000H-00FFFFH
32KB
Top Block
1
0
1
1
0
0
008000H-00FFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block
1
1
1
0
X
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
1
X
1
1
1
0
000000H-00FFFFH
64KB
ALL


Similar Part No. - ACE25Q512G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
   2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25Q512G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA512G ACE-ACE25QA512G Datasheet
1Mb / 28P
   512K BIT SPI NOR FLASH
VER 1.1
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
   2M BIT SPI NOR FLASH Memory Series
VER 1.2
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
logo
AiT Semiconductor Inc.
A25D80 AITSEMI-A25D80 Datasheet
2Mb / 34P
   MEMORY SPI NOR FLASH 8M BIT
REV1.0
A25Q64 AITSEMI-A25Q64 Datasheet
1Mb / 56P
   MEMORY SPI NOR FLASH 64M BIT
REV1.0
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
   MEMORY SPI NOR FLASH 128M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com