Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25Q200G Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25Q200G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
1
Description
The ACE25Q200G is 2M-bit Serial Peripheral Interface(SPI) Flash memory, and supports the
Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (/WP), and I/O3 (/HOLD).
The Dual I/O data is transferred with speed of 216Mbits/s and the Quad I/O & Quad output data is
transferred with speed of 432Mbits/s. The device uses a single low voltage power
supply, ranging from 2.7 Volt to 3.6 Volt.
Additionally, the device supports JEDEC standard manufacturer and device ID and three
256-bytes Security Registers..
Features
● Serial Peripheral Interface (SPI)
- Standard SPI: SCLK, /CS, SI, SO, /WP, /HOLD
- Dual SPI: SCLK, /CS, IO0, IO1, /WP, /HOLD
- Quad SPI: SCLK, /CS, IO0, IO1, IO2, IO3
● Read
- Normal Read (Serial): 50MHz clock rate
- Fast Read (Serial): 108MHz clock rate
- Dual/Quad (Multi-I/O) Read: 108MHz clock rate
● Program
- Serial-input Page Program up to 256bytes
-Program Suspend and Resume
● Erase
- Block erase (64/32 KB)
- Sector erase (4 KB)
- Chip erase
- Erase Suspend and Resume
● Program/Erase Speed
- P
age Program time: 0.7ms typical
- Sector Erase time: 60ms typical
- Block Erase time: 0.3/0.5s typical
- Chip Erase time: 2s typical
● Flexible Architecture
-Sector of 4K-byte
-Block of 32/64K-byte
● Low Power Consumption
- 20mA maximum active current
- 5uA maximum power down current


Similar Part No. - ACE25Q200G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q512G ACE-ACE25Q512G Datasheet
1Mb / 42P
   512K BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25Q200G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
ACE25QC200GL ACE-ACE25QC200GL Datasheet
2Mb / 64P
   2M BIT SPI NOR FLASH
VER 1.1
ACEH25D200G ACE-ACEH25D200G Datasheet
107Kb / 3P
   2M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
   2M BIT SPI NOR FLASH
VER 1.2
ACE25AC200GL ACE-ACE25AC200GL Datasheet
1Mb / 23P
   2M SPI NOR FLASH
VER 1.2
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q512G ACE-ACE25Q512G Datasheet
1Mb / 42P
   512K BIT SPI NOR FLASH Memory Series
VER 1.1
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
logo
AiT Semiconductor Inc.
A25D80 AITSEMI-A25D80 Datasheet
2Mb / 34P
   MEMORY SPI NOR FLASH 8M BIT
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com