Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2814B Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASM3P2814B
Description  Low Power EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2814B Datasheet(HTML) 2 Page - ON Semiconductor

  ASM3P2814B Datasheet HTML 1Page - ON Semiconductor ASM3P2814B Datasheet HTML 2Page - ON Semiconductor ASM3P2814B Datasheet HTML 3Page - ON Semiconductor ASM3P2814B Datasheet HTML 4Page - ON Semiconductor ASM3P2814B Datasheet HTML 5Page - ON Semiconductor ASM3P2814B Datasheet HTML 6Page - ON Semiconductor ASM3P2814B Datasheet HTML 7Page - ON Semiconductor ASM3P2814B Datasheet HTML 8Page - ON Semiconductor ASM3P2814B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ASM3P2811A/B, ASM3P2812A/B, ASM3P2814A/B
http://onsemi.com
2
Figure 1. Block Diagram
VDD
PLL
VCO
VSS
ModOUT
Loop
Filter
Output
Divider
Crystal
Oscillator
XOUT
XIN / CLKIN
Phase
Detector
D_C SRS FRS
Modulation
Frequency
Divider
Feedback
Divider
Table 1. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external Clock input.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread options.
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull−up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull−up resistor.
5
ModOUT
O
Spread spectrum clock output
6
FRS
I
Frequency range select. Digital logic input used to select Input frequency range
(Refer to Input/Output Frequency Range Selection Table).
This pin has an internal pull−up resistor.
7
VDD
P
Power supply for the entire chip.
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
Table 2. INPUT/OUTPUT FREQUENCY RANGE SELECTION
FRS (pin 6)
Part Number
Modulation Rate
ASM3P2811 (1x)
ASM3P2812 (2x)
ASM3P2814 (4x)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
0
10−20
10−20
10−20
20−40
10−20
40−80
Input Frequency / 448
1
20−40
20−40
20−40
40−80
20−40
80−160
Input Frequency / 896


Similar Part No. - ASM3P2814B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2814B ALSC-ASM3P2814B Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2814B PULSECORE-ASM3P2814B Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
ASM3P2814B PULSECORE-ASM3P2814B Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
ASM3P2814BF-08SR PULSECORE-ASM3P2814BF-08SR Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
ASM3P2814BF-08SR PULSECORE-ASM3P2814BF-08SR Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
More results

Similar Description - ASM3P2814B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
logo
Alliance Semiconductor ...
P2811 ALSC-P2811 Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
   Low Power EMI Reduction IC
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
   Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
logo
PulseCore Semiconductor
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
   Low Power Peak EMI Reduction IC
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com