Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P622S00B Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P622S00B
Description  Low Frequency Peak EMI Reduction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P622S00B Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P622S00B Datasheet HTML 1Page - ON Semiconductor ASM3P622S00B Datasheet HTML 2Page - ON Semiconductor ASM3P622S00B Datasheet HTML 3Page - ON Semiconductor ASM3P622S00B Datasheet HTML 4Page - ON Semiconductor ASM3P622S00B Datasheet HTML 5Page - ON Semiconductor ASM3P622S00B Datasheet HTML 6Page - ON Semiconductor ASM3P622S00B Datasheet HTML 7Page - ON Semiconductor ASM3P622S00B Datasheet HTML 8Page - ON Semiconductor ASM3P622S00B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ASM3P622S00B, ASM3P622S00E
http://onsemi.com
3
Pin Configuration for ASM3P622S00B
8
7
6
5
NC
VDD
CLKOUT
SSON
1
2
3
4
CLKIN
NC
SS%
GND
ASM3P622S00B
Table 1. PIN DESCRIPTION FOR ASM3P622S00B
Pin #
Pin Name
Type
Description
1
CLKIN (Note 1)
I
External reference Clock input , 5 V tolerant input
2
NC
No Connect
3
SS% (Note 3)
I
Spread Spectrum Selection. Has an internal pull up resistor
4
GND
P
Ground
5
SSON (Note 3)
I
Spread Spectrum enable and disable option. When SSON is HIGH, the spread spectrum
is enabled and when LOW, it turns off the spread spectrum. Has an internal pull up resistor.
6
CLKOUT (Note 2)
O
Buffered clock output (Note 4)
7
VDD
P
3.3 V supply
8
NC
No Connect
1. Weak pull down
2. Weak pull−down on all outputs
3. Weak pull−up on these Inputs
4. Buffered clock output is Timing−Safe


Similar Part No. - ASM3P622S00B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00BF-08-SR PULSECORE-ASM3P622S00BF-08-SR Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00BF-08-SR PULSECORE-ASM3P622S00BF-08-SR Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00BF-08-ST PULSECORE-ASM3P622S00BF-08-ST Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3P622S00B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
PCS3P625Z05B ONSEMI-PCS3P625Z05B Datasheet
168Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P624Z05B ONSEMI-PCS3P624Z05B Datasheet
174Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com