Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC244A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVC244A
Description  Low-Voltage CMOS Octal Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC244A Datasheet(HTML) 2 Page - ON Semiconductor

  74LVC244A Datasheet HTML 1Page - ON Semiconductor 74LVC244A Datasheet HTML 2Page - ON Semiconductor 74LVC244A Datasheet HTML 3Page - ON Semiconductor 74LVC244A Datasheet HTML 4Page - ON Semiconductor 74LVC244A Datasheet HTML 5Page - ON Semiconductor 74LVC244A Datasheet HTML 6Page - ON Semiconductor 74LVC244A Datasheet HTML 7Page - ON Semiconductor 74LVC244A Datasheet HTML 8Page - ON Semiconductor 74LVC244A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LVC244A
www.onsemi.com
2
Figure 1. Pinout: 20−Lead (Top View)
PIN NAMES
FUNCTION
Output Enable Inputs
Data Inputs
3−State Outputs
PINS
nOE
1Dn, 2Dn
1On, 2On
TRUTH TABLE
OUTPUTS
INPUTS
L
L
H
1OE
2OE
1Dn
2Dn
L
H
X
L
H
Z
H = High Voltage Level
L = Low Voltage Level
Z = High Impedance State
X = High or Low Voltage Level and Transitions are Acceptable
For ICC reasons, DO NOT FLOAT Inputs
Figure 2. Logic Diagram
19
20
18
17
16
15
14
2
1
3
4567
VCC
13
8
12
9
11
10
2OE
1O0
2D0
1O1
2D1
1O2
2D2
1O3
2D3
1OE
1D0
2O0
1D1
2O1
1D2
2O2
1D3
2O3
GND
1OE
1
1D0
2
1O0
18
1D1
4
1O1
16
1D2
6
1O2
14
1D3
8
1O3
12
2OE
19
2D0
17
2O0
3
2D1
15
2O1
5
2D2
13
2O2
7
2D3
11
2O3
9
1On, 2On


Similar Part No. - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC244A NXP-74LVC244A Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244A NXP-74LVC244A Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results

Similar Description - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com