Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16240DTR Datasheet(PDF) 9 Page - ON Semiconductor

Part # 74ALVCH16240DTR
Description  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16240DTR Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 74ALVCH16240DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 9Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
74ALVCH16240
http://onsemi.com
9
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 9. Tape Ends for Finished Goods
Figure 10. Reel Configuration
User Direction of Feed
L
Figure 11. Package Footprint
F
K
G
48 Leads


Similar Part No. - 74ALVCH16240DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16240DGGRE4 TI1-74ALVCH16240DGGRE4 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16240DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com