Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16374DTR Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ALVC16374DTR
Description  Low?뭋oltage 1.8 Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16374DTR Datasheet(HTML) 3 Page - ON Semiconductor

  74ALVC16374DTR Datasheet HTML 1Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 2Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 3Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 4Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 5Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 6Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 7Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 8Page - ON Semiconductor 74ALVC16374DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74ALVC16374
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )4.6
V
VI
DC Input Voltage
*0.5 to )4.6
V
VO
DC Output Voltage
*0.5 to )4.6
V
IIK
DC Input Diode Current
VI < GND
*50
mA
IOK
DC Output Diode Current
VO < GND
*50
mA
IO
DC Output Sink/Source Current
$50
mA
ICC
DC Supply Current per Supply Pin
$100
mA
IGND
DC Ground Current per Ground Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance (Note 2)
90
°C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL−94−VO (0.125 in)
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
u2000
u200
N/A
V
ILATCH−UP Latch−Up Performance
Above VCC and Below GND at 125°C (Note 6)
$250
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
3. Tested to EIA/JESD22−A114−A.
4. Tested to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.2
3.3
3.3
3.6
3.6
V
VI
Input Voltage
(Note 7)
−0.5
3.6
V
VO
Output Voltage
(Active State)
(3−State)
0
0
VCC
3.6
V
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 2.5 V ±0.2 V
VCC = 3.0 V ±0.3 V
0
0
20
10
ns/V
7. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.


Similar Part No. - 74ALVC16374DTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374GX FAIRCHILD-74ALVC16374GX Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374MTD FAIRCHILD-74ALVC16374MTD Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC16374DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com