Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5841HS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5841HS
Description  Audio Multi-function Digital Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5841HS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—8
Output timing
Standard voltage: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C, CL = 15 pF
Low voltage: VDD = 3.2 to 4.5 V, VSS = 0 V, Ta = −20 to 80 °C, CL = 15 pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CKI to CKO delay
tCKO
CKI fall to CKO fall
30
ns
CKI to BCKO delay
tsbH
CKI fall to BCKO rise
10
60
ns
tsbL
CKI fall to BCKO fall
10
60
BCKO to DOL, DOR, WCKO delay
tbdH
BCKO fall to output rise
0
20
ns
tbdL
BCKO fall to output fall
0
20
RST to DOL, DOR delay
trdH
RST fall to output fall
40
ns
trdL
RST rise to output rise
40
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CKI to CKO delay
tCKO
CKI fall to CKO fall
45
ns
CKI to BCKO delay
tsbH
CKI fall to BCKO rise
10
100
ns
tsbL
CKI fall to BCKO fall
10
100
BCKO to DOL, DOR, WCKO delay
tbdH
BCKO fall to output rise
0
30
ns
tbdL
BCKO fall to output fall
0
30
RST to DOL, DOR delay
trdH
RST fall to output fall
60
ns
trdL
RST rise to output rise
60
tbdL
tbdH
Tsys
CKI
(CKSL = L)
BCKO
DOL
DOR
WCKO
0.5VDD
1.5V
1.5V
tsbH
tsbL
CKI
(CKSL = H)
1.5V


Similar Part No. - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
More results

Similar Description - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com