Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34VL025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 34VL025
Description  NEMA 34 Planetary Gearhead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34VL025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  34VL025 Datasheet HTML 1Page - List of Unclassifed Manufacturers 34VL025 Datasheet HTML 2Page - List of Unclassifed Manufacturers 34VL025 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
34VL025
Part No. 34VL025
1pc.
$796.00
25pc.
50pc.
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Part Number:
34VL025
Frame Size:
NEMA 34
Ratio:
25:1
Torque, Nominal:
778 in-lb
Torque, Max Accel:
980 in-lb
Length:
4.26 inches
Weight:
6.0 lbs
Input Speed:
5000 rpm max
Backlash:
16
Operating
Temperature:
-40 to 120 °C
IP Rating:
IP54
Service Life:
> 10,000 hours
Efficiency:
85%
Inertia:
3.569E-03 oz-in-sec
Quick Delivery:
Yes
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/34VL025.pdf
2D Drawing:
034VL025A.pdf
3D Drawing:
34VL-2STG.igs
Specifications
2
Downloads


Similar Part No. - 34VL025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
logo
List of Unclassifed Man...
34VL020 ETC2-34VL020 Datasheet
77Kb / 2P
   NEMA 34 Planetary Gearhead
More results

Similar Description - 34VL025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34PL070 ETC2-34PL070 Datasheet
103Kb / 3P
   NEMA 34 Planetary Gearhead
34PN028 ETC2-34PN028 Datasheet
88Kb / 2P
   NEMA 34 Planetary Gearhead
34PN100 ETC2-34PN100 Datasheet
88Kb / 2P
   NEMA 34 Planetary Gearhead
34VL005 ETC2-34VL005 Datasheet
122Kb / 3P
   NEMA 34 Planetary Gearhead
34PL003 ETC2-34PL003 Datasheet
82Kb / 2P
   NEMA 34 Planetary Gearhead
34PL055 ETC2-34PL055 Datasheet
83Kb / 2P
   NEMA 34 Planetary Gearhead
34PN005.5 ETC2-34PN005.5 Datasheet
87Kb / 2P
   NEMA 34 Planetary Gearhead
34VL007 ETC2-34VL007 Datasheet
85Kb / 2P
   NEMA 34 Planetary Gearhead
34VL040 ETC2-34VL040 Datasheet
85Kb / 2P
   NEMA 34 Planetary Gearhead
34VL100 ETC2-34VL100 Datasheet
85Kb / 2P
   NEMA 34 Planetary Gearhead
34PL020 ETC2-34PL020 Datasheet
83Kb / 2P
   NEMA 34 Planetary Gearhead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com