Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH89626C-04 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MH89626C-04
Description  OPS/DID SLIC Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89626C-04 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MH89626C-04 Datasheet HTML 4Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 5Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 6Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 7Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 8Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 9Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 10Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 11Page - Mitel Networks Corporation MH89626C-04 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2-293
Preliminary Information
MH89626C
Loop Electrical Characteristics
* Typical figures are at 25°C with nominal +5V supplies. For design aid only: not guaranteed and not subject to production testing.
Table 1 - Control of SLIC Functions through SD
D
I
G
I
T
A
L
Characteristics
Sym
Min
Typ*
Max
Units
Test Comments
1
Clock Frequency
C2i
fC
2.046
2.048
2.05
MHz
2
Clock Rise Time
C2i
tCR
50
ns
3
Clock Fall Time
C2i
tCF
50
ns
4
Clock Duty Cycle
C2i
40
50
60
%
5
Chip Enable Rise Time
F1i
tER
100
ns
6
Chip Enable Fall Time
F1i
tEF
100
ns
7
Propagation DelayClock
to Output Enable
Do
tPZL
tPZH
122
122
ns
ns
RL = 10kΩ to VCC
CL = 100pF
8
Input Setup Time
Di
tISH
tISL
25
0
ns
ns
9
Input Hold Time
Di
tIH
60
ns
Bit
Name
Description
0
SD0
When Logic ‘0’ activates relay driver 1 to apply ringing to the line
1
SD1
When logic ‘0’ activates relay driver 2. Normally used for in-test
2
SD2
When logic ‘0’ it will set the receive gain to -7.0dB
When logic ‘1’ it will set the receive gain to -3.5dB
3
SD3
When logic ‘0’ reverses the TIP and RING.
4
SD4
When logic ‘0’ activates relay driver 3. Normally used for out-test
5
SD5
The output of the serial data stream SDi, bit 5. Bit inverted
6
SD6
The output of the serial data stream SDi, bit 6. Bit inverted
7
SD7
The output of the serial data stream SDi, bit 7. Bit inverted


Similar Part No. - MH89626C-04

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH89625C-5 MITEL-MH89625C-5 Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH89625C-6 MITEL-MH89625C-6 Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
More results

Similar Description - MH89626C-04

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH88622 MITEL-MH88622 Datasheet
95Kb / 10P
   DUAL OPS SLIC Preliminary Information
MH88600 MITEL-MH88600 Datasheet
122Kb / 14P
   Global SLIC Preliminary Information
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com