Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDT3332 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # CDT3332
Description  ???LED 雍멨눣?㎩댍IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3332 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  CDT3332 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3332 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3332 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3332 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3332 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDT-3332 ---
1
CDT3332
P. 1
單個 LED 輸出控制 IC
使 用 說 明
CDT3332 是專門設計應用於低壓 1 個 LED
輸出推動 IC。IC 不必外接任何零組件,LED
端可並聯多個 LED。
多種內定頻率選擇,應用廣泛。
可以外接 Rosc 加速,Cosc 減速。
CMOS 製造技術
工作電壓範圍:1.35V~5.00VDC
ON/OFF, Level Hold 功能
輸出電流:電流>30mA
@電壓=3V
靜態電流小 < 5µA
產 品 分 類
頻率
Duty
產 品 分 類
頻率
Duty
CDT3332-00
全亮
ON/OFF
CDT3332-11
外調式 X 分鐘
ON/OFF
1/2
CDT3332-01
1Hz
ON/OFF
1/8
CDT3332-12
內建式 3 分鐘
ON/OFF
1/2
CDT3332-02
2Hz
ON/OFF
1/8
CDT3332-13
1.2Hz
ON/OFF
1/32
CDT3332-03
0.5Hz
ON/OFF
1/2
CDT3332-14
1.2Hz
ON/OFF
1/64
CDT3332-04
4Hz
ON/OFF
1/8
CDT3332-15
0.6Hz
Power ON
1/256
CDT3332-05
8Hz
ON/OFF
1/2
CDT3332-16
0.5Hz
Power ON
1/512
CDT3332-06
2.4Hz
ON/OFF
1/8
CDT3332-17
1.5Hz
LEVEL
3/4
CDT3332-07
2.4Hz
LEVEL
1/8
CDT3332-18
全亮
LEVEL
CDT3332-08
0.1Hz
ON/OFF
1/256
CDT3332-19
2.4Hz
ON/OFF
1/16
CDT3332-09
0.8Hz
ON/OFF
1/128
CDT3332-20
3.0Hz
ON/OFF
1/32
CDT3332-10
1.0Hz
LEVEL
1/16
※ 頻率容許誤差:±20﹪, 測試電壓:3VDC
※ (ON/OFF), (LEVEL = Level Hold), (Power ON = ON/OFF pin 無效)
IC 打線腳座功能說明及 PAD 座標圖(單位=μm)
VDD
(120,843)
電源正極
ON/OFF
(948,843)
ON/OFF 按鍵開關
LED
(324,843)
LED 輸出端(負輸出)
OSCI
(152,123)
內建振盪
VSS
(723,843)
電源負極
OSCO
(698,123)
可以外接 Rosc 加速
IC 打線腳座配置圖
用電源當開關
ON/OFF 按鍵開關/加速/減速
接 CdS
其朋半導體股份有限公司
Chip Design Technology
Inc.
91 年 11 月 12 日
加速
OSCO
ON/OFF
VSS
TEST
LED
--
VDD
OSCI
2
3
4
1
5
7
8
6
8pin DIP 包裝
※ON/OFF 與 VSS 接一起
333202
LED
VSS
VDD
(CDT3332-02)
1
2
3
T0-92 包裝
(IC:CDT3332-02)
VDD
333202
LED
ON/OFF
VSS
1
2
3
4
T0-93 4pin 包裝
VDD
LED
VSS
CDT3332-07/10/18
LH
OSCI
OSCO TEST
R
VDD
LED
VSS
OSCI
CDT3332
Chip Size: 1180 x 1040μM
IC 底座接 VDD
ON/OFF
OSCO TEST
VDD
LED
VSS
CDT3332
ON/OFF
OSC
OSC
TEST
VDD
LED
VSS
CDT3332
ON/OFF
OSCI
OSCO TEST
Rosc
C
減速
CdS
KEY


Similar Part No. - CDT3332

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3332-00 BOWIN-CDT3332-00 Datasheet
86Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-01 BOWIN-CDT3332-01 Datasheet
87Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-02 BOWIN-CDT3332-02 Datasheet
84Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-03 BOWIN-CDT3332-03 Datasheet
102Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-04 BOWIN-CDT3332-04 Datasheet
105Kb / 4P
   ???LED 雍멨눣?㎩댍IC
More results

Similar Description - CDT3332

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3332-00 BOWIN-CDT3332-00 Datasheet
86Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-02 BOWIN-CDT3332-02 Datasheet
84Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-15 BOWIN-CDT3332-15 Datasheet
81Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3457 BOWIN-CDT3457 Datasheet
104Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-04 BOWIN-CDT3332-04 Datasheet
105Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-16 BOWIN-CDT3332-16 Datasheet
81Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3205 BOWIN-CDT3205 Datasheet
109Kb / 4P
   ???LED 雍멨눣?㎩댍IC
CDT3332-06 BOWIN-CDT3332-06 Datasheet
87Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-08 BOWIN-CDT3332-08 Datasheet
90Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3332-01 BOWIN-CDT3332-01 Datasheet
87Kb / 2P
   ???LED 雍멨눣?㎩댍IC
CDT3412 BOWIN-CDT3412 Datasheet
172Kb / 9P
   ???LED 雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com