Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH89626C Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH89626C
Description  OPS/DID SLIC Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89626C Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH89626C Datasheet HTML 3Page - Mitel Networks Corporation MH89626C Datasheet HTML 4Page - Mitel Networks Corporation MH89626C Datasheet HTML 5Page - Mitel Networks Corporation MH89626C Datasheet HTML 6Page - Mitel Networks Corporation MH89626C Datasheet HTML 7Page - Mitel Networks Corporation MH89626C Datasheet HTML 8Page - Mitel Networks Corporation MH89626C Datasheet HTML 9Page - Mitel Networks Corporation MH89626C Datasheet HTML 10Page - Mitel Networks Corporation MH89626C Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-291
Preliminary Information
MH89626C
AC Electrical Characteristics* - Transmit (A/D path)
† Typical figures are at 25°C with nominal +5V supplies and are for design aid only.
* AC Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Comments
1
Absolute Gain
Default (codec odB)
-0.5
0
0.5
dB
Input -6dB
1020 Hz
2
Transmit Gain
0
dB
3
Loss Distortion with frequency
(relative to level at 1020Hz with
codec at 0dB)
0.0
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
0.39
0.22
-
-
1.0
0.75
0.35
0.55
1.5
dB
dB
dB
dB
dB
dB
dB
0-200 Hz
200-300 Hz
300-400 Hz
400-600 Hz
600-2400 Hz
2400-3000 Hz
3000-3400 Hz
4
Gain variation with Input Level
(relative to gain at 1020Hz with
-6dBm input)
-0.25
-0.25
-0.5
-1.5
0.25
0.25
0.5
1.5
dB
dB
dB
dB
Input 1020 Hz
0 to +3dBm
-40 to 0dBm
-50 to -40dBm
-55 to -50dBm
5
Signal Input Overload Level at
2-Wire
3.14
dBm
THD < 5%
Input 1020Hz
6
Signal Output Overload Level at Do
3.14
dBm0
THD < 5%
Input 1020Hz
7
Signal to Total Distortion Ratio at Do
35
33.8
28.8
19.5
14.5
dB
dB
dB
dB
dB
Input at 2-Wire
0 to -10dB
-20dBm
-30dBm
-40dBm
-50dBm
8
Out-of-Band Discrimination at Do:
Signals in 4.6 -72 kHz band
Signals in 300-3400 Hz band
other than 1020 Hz
Signals in 4.6 -72 kHz band
-50
-40
-25
dBm0
dBm0
dBm0
Input at 2-wire
-25dBm, 4.6 -72kHz
0dbm, 1020Hz
0dBm, 300 -3400 Hz
9
Harmonic Distortion
(2nd or 3rd Harmonic) at DSTo
-41
dB
10
Idle Channel Noise at Do
-70
-64
dBm0p


Similar Part No. - MH89626C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH89625C-5 MITEL-MH89625C-5 Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH89625C-6 MITEL-MH89625C-6 Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
More results

Similar Description - MH89626C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH88622 MITEL-MH88622 Datasheet
95Kb / 10P
   DUAL OPS SLIC Preliminary Information
MH88600 MITEL-MH88600 Datasheet
122Kb / 14P
   Global SLIC Preliminary Information
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com