Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88632B Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH88632B
Description  Central Office Interface Circuit Preliminary Information
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88632B Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH88632B Datasheet HTML 1Page - Mitel Networks Corporation MH88632B Datasheet HTML 2Page - Mitel Networks Corporation MH88632B Datasheet HTML 3Page - Mitel Networks Corporation MH88632B Datasheet HTML 4Page - Mitel Networks Corporation MH88632B Datasheet HTML 5Page - Mitel Networks Corporation MH88632B Datasheet HTML 6Page - Mitel Networks Corporation MH88632B Datasheet HTML 7Page - Mitel Networks Corporation MH88632B Datasheet HTML 8Page - Mitel Networks Corporation MH88632B Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MH88632B
Preliminary Information
2-242
Functional Description
The MH88632B is a Central Office Interface Circuit
(COIC). It is used to correctly terminate a Central
Office 2-Wire telephone line. The device provides a
signalling link and a 2-4 Wire line interface between
the telephone line and subscriber equipment. The
subscriber equipment can include Private Branch
Exchanges
(PBX's),
Key
Telephone
Systems,
Terminal Equipment,
Digital Loop Carriers and
Wireless Local Loops.
All descriptions assume that the device is connected
as in the application circuit shown in Figure 3.
Isolation Barrier
The MH88632B provides an isolation barrier which is
designed to meet FCC Part 68 (November 1987)
Leakage Current Requirements.
External Protection
An external protection circuit may be required to
assist in preventing overvoltage damage to the
device and the subscriber equipment in which it is
incorporated.
The type of protection required is
dependant on the application and the regulatory
standards. Please contact the governing regulatory
body and local approvals testing houses for more
assistance.
This protection is shown in block form in Figure 3.
Suitable Markets
The programmability offered by the MH88632B
enhances its suitability for use throughout the
world.
However,
care should be taken that all
regulatory requirements,
e.g. isolation and DC
termination,
are being fulfilled for the particular
application in which the device is intended to be
used.
Line Termination
When LRC is at a logic 1, LRD is taken to a logic 0
which energizes the Loop Relay (K1),
connecting
XLA to XLB and XLC to XLD.
This places a line
termination across Tip and Ring. The device can be
considered to be in an off-hook state and DC loop
current will flow. The line termination consists of a
DC resistance and an AC impedance. When LRC is
at a logic 0, the Line Termination is removed from
across Tip and Ring.
An internal Dummy Ringer is permanently connected
across Tip and Ring which is a series AC load of
(17k
Ω+330nF). This represents a mechanical
telephone ringer and allows ringing voltages to be
sensed.
This load can be considered negligible
when the line has been terminated.
Depending on the Network Protocol being used the
line termination can seize the line for an outgoing
call, terminate an incoming call, or if applied and
disconnected at the correct rate can be used to
generate dial pulse signals.
The DC line termination circuitry provides the line
with an active DC load which is equivalent to a DC
resistance of between 190
Ω and 290Ω dependant on
the loop current.
AC Input Impedance
The Input Impedance (Zin) is the AC impedance that
the MH88632B places across Tip and Ring in order
to terminate the telephone line.
It can be user
defined, set to 600
Ω or set to 900Ω.
To select a 600
Ω Input Impedance, Z1 should be
connected directly to Z600.
No connection should
be made to Z2 or Z900.
To select a 900
Ω Input Impedance, Z1 should be
connected directly to Z900.
No connection should
be made to Z2 or Z600.
In order to user define the Input Impedance an
impedance network should be placed between Z1
and Z2. This should be equivalent to 10 times the
required Input Impedance and must be greater than
100
Ω at 3.4kHz. No connection should be made to
Z600 or Z900.
For example, to implement an Input Impedance of
220
Ω+(820Ω//115nF) an impedance network of
2200
Ω+(8200Ω//11.5nF)
should
be
connected
between Z1 and Z2 as shown below.
Z2
Z1
2200
8200
11.5nF


Similar Part No. - MH88632B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
More results

Similar Description - MH88632B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
   Central Office Interface Circuit Preliminary Information
MH88634-2 MITEL-MH88634-2 Datasheet
164Kb / 12P
   Central Office Interface Circuit Preliminary Information
MH88634K MITEL-MH88634K Datasheet
66Kb / 8P
   Central Office Interface Circuit Preliminary Information
MH88631 MITEL-MH88631 Datasheet
87Kb / 10P
   Central Office Interface (LS/GS) Preliminary Information
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
   Central Office Interface (LS/GS) Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88634B MITEL-MH88634B Datasheet
57Kb / 13P
   Central Office Interface Circuit Advance Information
logo
Zarlink Semiconductor I...
MH88634CV-K ZARLINK-MH88634CV-K Datasheet
437Kb / 13P
   Central Office Interface Circuit
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com