Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRL0801DU-0512 Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801DU-0512
Description  AC-DC PFC SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801DU-0512 Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801DU-0512 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801DU-0512 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801DU-0512 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801DU-0512 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
◆ Compact 240W with 1U height Power Density: 10.41 watts/cu in
◆ Built-in Remote On-Off, Power Good, Fan Fail Alarm
◆ 5/ 12/ 24/ 48V Dual Output Optional Combinations
◆ Power Factor Corrected to EN61000-3-2 Class D
◆ Variable Fan Speed & Low Acoustical Noise
◆ High Quality & Reliable Component Usage
◆ Approved to UL TUV CE CB
◆ 4 - Mechanical Options
◆ Full Range AC Input
120W ~ 240W AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D DUAL OUTPUT SERIES
Input Voltage: 90 ~ 264Vac full range, 47 ~ 63Hz.
Input Current: 5A at 90Vac.
Inrush Current: Max. 70A@230Vac & 35A@115Vac; cold start.
Power Factor Correction: PF>0.95 typical.
Transient Response: Returns to within 1% in less than 2.5mS for a
50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on & off overshoot 5% over nominal voltage.
Efficiency: 75% ~ 89% depends on model.
Turn On Delay: 1 second maximum at 230 Vac.
Hold Up Time: 16mS min. at 80% of full load.
Adjustability: Output user adjustable +/-5% minimum.
Fan Drive: 12VDC/300mA offering to drive an external fan.
Fan Fail (FF) Alarm: Designated as FF on pin 3 of CN3, two types
of logical signal provided, contact manufacturer.
Remote On-Off: Designated as INH on pin4 of CN3, requires a low
signal to inhibit output.
Power Supply On: Green LED designated as LED1 on the PCB.
Power Good: PG on CN3 goes high 100-500mS after DC regulation
and low at least 1mS before loss of regulation (Open collector).
Input Fusing Protection: One F5A/350V fuse inserted in primary.
Over-Power Protection: 110~140% of I-Max; Auto-recovery.
Short Circuit Protection: Trip without damage and auto-recovery.
Over Voltage Protection: Unit latching down when output exceed
130% and recycle AC input to reset.
Over-Temperature Protection: Unit protected of excessive
operating ambient 110 ℃ and automatic recovery.
Switching Frequency: PFC 40K~66K Hz; PWM 55K~75K Hz.
Warranty: 2 years.
Storage Temperature: -20℃ to 85℃.
Operating Temperature: 0℃ to 70℃ ambient, de-rating at 2.5% per
degree from 50℃ to 70℃.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
EMC: EN55022 class B conducted / radiated, EN61000-3-2,
EN61000-3-3; EN55024 (IEC61000-4-2, IEC61000-4-3, IEC61000-4-
4, IEC61000-4-5, IEC61000-4-6, IEC61000-4-11).
Safety Regulation: UL60950-1, EN60950-1, IEC60950-1.
Vibration: 5 ~ 50 Hz, acceleration 7.35 m/s*s on X,Y and Z Axis.
Leakage Current: < 1mA @ 264Vac.
HI-POT Test: 1500 VAC input line to chassis (10mA DC cut off
current); Isolating 3000VAC primary to secondary windings; Primary
to core 1500VAC. All for 3 sec.
Grounding Test: Apply 25 A from ground pin of the three prong plug
to the far most earth. Max allowable resistance 0.1 ohm.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 ℃ .
Cooling:
U Type: U-Chassis @240W max. with 25CFM airflow or 120W max.
under air convection (same output ratings w/ top cover option).
F Type: U-Chassis with top built-in fan @240W max.
E Type: Enclosed with a built-in fan in the input end @240W max.
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Enclosure:
U Type: 5(L) x 3.2(W) x 1.5(H) inches.
U Type with top cover option: 5(L) x 3.2(W) x 1.66(H) inches.
F Type: 5(L) x 3.2(W) x 2(H)inches.
E Type: 3.2(L) x 6.5(W) x 1.6(H)inches
Weight: Maximum U-type weight is 500g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
PRODUCT SPECIFICATIONS:
CB
U Type (With Top cover):
3.2(W) x 5(L) x 1.66(H) inches.
E Type (Enclosed with end built-in fan):
3.2(W) x 6.5(L) x 1.6(H) inches
U Type (U-Chassis only):
3.2(W) x 5(L)x 1.5(H) inches.
F Type (U-Chassis with top built-in fan ):
3.2(W) x 5(L) x 2(H) inches.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - PRL0801DU-0512

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801E-05 ULC-PRL0801E-05 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801E-09 ULC-PRL0801E-09 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801E-12 ULC-PRL0801E-12 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801E-15 ULC-PRL0801E-15 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL0801DU-0512

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com