Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P Datasheet(PDF) 9 Page - Vishay Siliconix

Part # P
Description  High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button P Datasheet HTML 2Page - Vishay Siliconix P Datasheet HTML 3Page - Vishay Siliconix P Datasheet HTML 4Page - Vishay Siliconix P Datasheet HTML 5Page - Vishay Siliconix P Datasheet HTML 6Page - Vishay Siliconix P Datasheet HTML 7Page - Vishay Siliconix P Datasheet HTML 8Page - Vishay Siliconix P Datasheet HTML 9Page - Vishay Siliconix P Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P
www.vishay.com
Vishay Sfernice
Revision: 20-Feb-15
9
Document Number: 53017
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FAST TRACK SERVICE
Vishay Sfernice offers fast track service - For conditions and availability please contact you Customer Service Representative.
PTRIM
Chips ready to be trimmed available. Please consult Vishay Sfernice.
Notes
• For CECC qualified, see RV datasheet (www.vishay.com/doc?60022)
• For ESCC qualified, see PHR datasheet (www.vishay.com/doc?53037) or PFRR datasheet (www.vishay.com/doc?53046)
• For High Temperature (230 °C), see PHT datasheet (www.vishay.com/doc?53050)
•For Strap (0
), see PZR datasheet (www.vishay.com/doc?53053)
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: P0505Y1003BBT0999
GLOBAL MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
P
0302
0402
0505
0603
0805
1005
1206
1505
2010
2512
K = ± 100 ppm/°C
H = ± 50 ppm/°C
E = ± 25 ppm/°C
Y = ± 10 ppm/°C
Z = ± 5 ppm
(0.70 °C)
C = ± 5 ppm
(- 55 °C; + 155 °C)
The first three digits
are significant figures
and the last digit
specifies the number
of zeros to follow,
R designates
decimal point
10R0 = 10
3901 = 3900
1004 = 1 M
L = ± 0.01 %
P = ± 0.02 %
W = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
B: SnPb over
nickel barrier
N: SnAg over
nickel barrier
G: Gold over
nickel barrier
For more
information
see
“Codification
of
packaging”
table
From 1 to 3
digits, leave
blank if
no option
B: Lead bearing version
N and G: Lead (Pb)-free/RoHS version
Historical Part Number examples:
P1206Y1001LNT100 (tapes of 100 pieces)
P1206H7151FBT250 (tapes of 250 pieces)
P1206Y1503WNT1K032 (tapes of 1000 pieces and option 32)
P1206Y2372BG (waffle pack)
Historical part numbers are not recommended, but can still be used for ordering.
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
100 min., 1 mult
WA
100 min., 100 mult (available only in size 1206)
PLASTIC TAPE (in standard for all sizes except 0402)
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)
PAPER TAPE (Available for 0603, 0805, and 1206. Please consult Vishay Sfernice for other sizes.)
PT
100 min., 1 mult
PA
100 min., 100 mult
PB
250 min., 250 mult
PC
500 min., 500 mult
PD
1000 min., 1000 mult
PE
2500min., 2500 mult
PF
Full tape (quantity depending on size of chips)
050
5
Y
10
03
P
BB
T
9
99


Similar Description - P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
   High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 14-Jan-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
   High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
   High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
Revision: 13-Nov-15
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
   High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com