Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88612C Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88612C
Description  Subscriber Line Interface Circuit Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88612C Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88612C Datasheet HTML 1Page - Mitel Networks Corporation MH88612C Datasheet HTML 2Page - Mitel Networks Corporation MH88612C Datasheet HTML 3Page - Mitel Networks Corporation MH88612C Datasheet HTML 4Page - Mitel Networks Corporation MH88612C Datasheet HTML 5Page - Mitel Networks Corporation MH88612C Datasheet HTML 6Page - Mitel Networks Corporation MH88612C Datasheet HTML 7Page - Mitel Networks Corporation MH88612C Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2-113
®
Features
Input impedance 200
Ω + 560Ω // 0.1µF
Transformerless 2-wire to 4-wire conversion
Battery and ringing feed to line
Off-hook and dial pulse detection
Ring ground over-current protection
Adjustable constant current feed
Relay drive output
Power VBat Denial
Wide Operating Range
Programmable Receive Gain
Applications
Line interface for:
PABX
Intercoms
Key Telephone Systems
Control Systems
Description
The SLIC provides a complete interface between a
switching system and subscriber loop. Functions
provided include battery feed and ringing feed to the
subscriber line, 2-Wire to 4-Wire hybrid interfacing,
constant current feed and dial pulse detection. The
device
is
fabricated
using
thick
film
hybrid
technology in a 20-pin single in-line package.
FIgure 1 - Functional Block Diagram
VBat
GS
VDD VEE GNDA
VR
VX
VRef
CAP
SHK
RD
RC
VRLY
RV
RF
RING
TIP
TF
Current & Voltage
Sensing
Relay
Drive
Circuit
Constant
Current
Feed
Over Current
Protection
2-Wire to
4-Wire
Conversion
Loop
Supervision
ISSUE 4
April 1995
Ordering Information
MH88612C
20 Pin SIL Package
0
°C to 70°C
MH88612C
Subscriber Line Interface Circuit
Preliminary Information


Similar Part No. - MH88612C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
logo
API Technologies Corp
MH88612 APITECH-MH88612 Datasheet
287Kb / 1P
   Transformer
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
MH88612BV-2 ZARLINK-MH88612BV-2 Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Mitel Networks Corporat...
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Advance Information
More results

Similar Description - MH88612C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88615 MITEL-MH88615 Datasheet
50Kb / 6P
   ONS Subscriber Line Interface Circuit Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com