Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB20200CT Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # MBRB20200CT
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBRB20200CT Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  MBRB20200CT Datasheet HTML 1Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 2Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 3Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 4Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 5Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 6Page - GOOD-ARK Electronics MBRB20200CT Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
苏州固锝电子股份有限公司
4 / 7
3.Features& Mechanical Characteristics
Features
Plastic package has underwriters Laboratory Flammability Classification 94V-0
● For surface mounted application
● Metal of silicon rectifier,majority carrier conduction
● Low forward voltage,high efficiency
● Guarding for over voltage protection
● For use in low voltage,high frequency inverters,
● Free wheeling,and polarity protection applications
Mechanical Characteristics
● Case:Epoxy,Molded
● Weight: 1.4grams(approximately)
● Finish:All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes:260°C Max.for10 sec
● Shipped 50 units per plastic tube or tape reel packing 800/reel
4.Maximum Ratings and Electrical Characteristics
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBRB20200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
0.5
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Maximum instantaneous forward voltage per leg
IF=20A
IF=20A
IF=10A
IF=10A
TC=25℃
TC=125℃
TC=25℃
TC=125℃
VF
1.0
0.9
0.9
0.8
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
200
15
uA
mA
Thermal Characteristics Ta=25
unless otherwise noted
Symbol
Parameter
Max
Unit
RθJC
Thermal Resistance,Junction to Case per Leg
2.0
°C /W
Note:
1. Pulse test:300us pulse width, duty cycle=2%


Similar Part No. - MBRB20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20200CT MOTOROLA-MBRB20200CT Datasheet
82Kb / 4P
   SWIRCHMODE?? Power Dual Schottky Rectifier
logo
RFE international
MBRB20200CT RFE-MBRB20200CT Datasheet
1,004Kb / 3P
   Schottky Diodes
12-02-2022
logo
Micro Commercial Compon...
MBRB20200CT MCC-MBRB20200CT Datasheet
387Kb / 2P
   20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
MBRB20200CT MCC-MBRB20200CT Datasheet
218Kb / 3P
   20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
logo
ON Semiconductor
MBRB20200CT ONSEMI-MBRB20200CT Datasheet
62Kb / 5P
   SWITCHMODE Power Rectifier Dual Schottky Rectifier
September, 2005 ??Rev. 6
More results

Similar Description - MBRB20200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com