Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88437-P Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88437-P
Description  Data Access Arrangement Advance Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437-P Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88437-P Datasheet HTML 1Page - Mitel Networks Corporation MH88437-P Datasheet HTML 2Page - Mitel Networks Corporation MH88437-P Datasheet HTML 3Page - Mitel Networks Corporation MH88437-P Datasheet HTML 4Page - Mitel Networks Corporation MH88437-P Datasheet HTML 5Page - Mitel Networks Corporation MH88437-P Datasheet HTML 6Page - Mitel Networks Corporation MH88437-P Datasheet HTML 7Page - Mitel Networks Corporation MH88437-P Datasheet HTML 8Page - Mitel Networks Corporation MH88437-P Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
FAX and Modem interface (V.34/V.34+)
Designed to work at data rates up to 56kbits
External programmable line and network
balance impedances
Programmable DC termination characteristics
IEC950 recognised component
Transformerless 2-4 Wire conversion
Integral Loop Switch
Dial Pulse and DTMF operation
Accommodates parallel phone detection
Line state detection outputs:
-loop current/ringing voltage/line voltage
+5V operation, low on-hook power (25mW)
Full duplex voice and data transmission
On-Hook reception from the line
Meets French current limit requirements
Conforms to German dial pulse standards
Approvable to UL 1950
Industrial Temperature Range Available
Applications
Interface to Central Office or PABX line for:
FAX/Modem
Electronic Point of Sale
Security System
Telemetry
Set Top Boxes
Description
The Mitel MH88437 Data Access Arrangement
(D.A.A.) provides a complete interface between
audio
or
data
transmission
equipment
and
a
telephone line. All functions are integrated into a
single thick film hybrid module which provides high
voltage isolation, very high reliability and optimum
circuit design, needing a minimum of external
components.
The impedance and network balance are externally
programmable,
as
are
the
DC
termination
characteristics, making the device suitable for most
countries worldwide.
Figure 1 - Functional Block Diagram
Opto-
Isolation
Logic Input
Buffer
Isolation
Isolation
Isolation
Analog
Buffer
Analog
Buffer
Buffer
THL cancellation
impedance
matching circuit
Isolation Barrier
VCC
AGND
LC
VR+
VX
RV
TIP
RING
User Connections
Network Connections
Input Buffer
&
VLOOP1
Ring & Loop
Line Termination
VLOOP2
VR-
NB1
NB2
LOOP
LCD
ZA
RS
VBIAS
and line
CL
DS5060
ISSUE 4
October 1998
Package Information
MH88437AD-P 28 Pin DIL Package
MH88437AS-P 28 Pin SM Package
0˚C to 70˚C
MH88437AD-PI Ind. Temp. DIL Variant
-40˚C to +80˚C
MH88437AS-PI Ind. Temp. SM Variant
-40˚C to + 80˚C
MH88437-P
Data Access Arrangement
Advance Information


Similar Part No. - MH88437-P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
API Technologies Corp
MH88435 APITECH-MH88435 Datasheet
287Kb / 1P
   Transformer
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
141Kb / 5P
   Data Access Arrangement
More results

Similar Description - MH88437-P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
   Advance Information Data Sheet
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com