Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88422-2 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH88422-2
Description  Line Interface Circuit Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422-2 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MH88422-2 Datasheet HTML 2Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 3Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 4Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 5Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 6Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 7Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 8Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 9Page - Mitel Networks Corporation MH88422-2 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2-26
MH88422
Preliminary Information
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only.
AC Electrical Characteristics- MH88422-2
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only.
AC Electrical Characteristics- MH88422-1
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
2-Wire input Impedance
(200
Ω + 820Ω //115nF)
Zin
900
@ 1kHz
2
Return Loss at 2-Wire
(200
Ω + 820Ω //115nF)
RL
20
20
20
22
24
26
dB
dB
dB
300-500Hz
500-2500Hz
2500-3400Hz
3
Longitudinal to Metallic Balance
40
55
53
65
60
60
dB
dB
dB
50-300Hz
300-1000Hz
1000-4000Hz
4
Idle Channel Noise
at 2-Wire
At VX
Nc
-72
-72
-58
dBmp
dBmp
5
Transmit Gain (2-Wire to VX)
-0.4
dB
Input 0.5V @ 1kHz
Off -Hook
6
Frequency Response Gain
(relative to gain @ 1kHz)
-0.6
-0.6
dB
dB
300Hz
3400Hz
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
2-Wire Input Impedance
(600
Ω)
ZIn
600
@ 1kHz
2
Return Loss at 2-Wire
(Reference 600
Ω)
ERL
SFRL
20
14
20
18
dB
500-2500Hz
200-3200Hz
3
Longitudinal to Metallic Balance
Metallic to Longitudinal Balance
58
53
60
40
60
55
dB
dB
dB
dB
200-1000Hz
1k-3kHz
200-1000Hz
1k-4kHz
4
Idle Channel Noise
at 2-Wire
at VX
Nc
13
13
20
dBrnC
dBrnC
5
Transmit Gain (2-Wire to Vx)
-0.4
dB
Input 0.5V @ 1kHz
Off- Hook
6
Frequency Response Gain
(relative to gain @ 1kHz)
-0.6
-0.6
dB
dB
200Hz
3400Hz


Similar Part No. - MH88422-2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-2 MITEL-MH88422-2 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
More results

Similar Description - MH88422-2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com