Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88422-3 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH88422-3
Description  Data Access Arrangement Preliminary Information
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422-3 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH88422-3 Datasheet HTML 1Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 2Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 3Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 4Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 5Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 6Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 7Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 8Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Information
MH88422
2-15
Functional Description
The device is a Data Access Arrangement (D.A.A.). It
is used to correctly terminate a 2-Wire analog loop. It
provides a signalling link and a 2-4 Wire line
interface
between
an
analog
loop
and
the
subscriber’s data transmission equipment such as
Modems, Facsimiles (Fax’s), Remote Metering and
Electronic Point of Sale equipment (EPOS).
Isolation Barrier
The device provides an isolation barrier implemented
by using optocouplers. This is a reinforced barrier for
an instantaneous power surge of up to 3kV r.m.s
., for
example a lightning strike. It also provides full
isolation for a continuous AC voltage level of up to
250V r.m.s.
External Protection Circuit
Should the input voltage from the line exceed that
isolated by the optocoupler, an External Protection
Circuit assists in preventing damage to the device
and the subscriber equipment. See Figure 3.
Line Termination
When Loop Control (LC) is at a logic 0, a line
termination is applied across Tip and Ring. The
device can be considered off-hook and DC loop
current will flow. The line termination consists of both
a DC line termination and an AC input impedance.
When LC is at a logic 1, a Dummy Ringer is applied
across Tip and Ring. The device can be considered
on-hook and negligible DC current will flow. The
dummy ringer is an AC load, which represents a
telephone’s mechanical ringer.
DC Line Termination
When LC is at a logic 0, an active termination is
applied across Tip and Ring, at which time it can be
considered to be in an off-hook state. This is used to
terminate an incoming call, seize the line for an
outgoing call, or if it is applied and disconnected at
the required rate, can be used to generate dial
pulses. This termination resembles approximately
300
Ω resistance, which is loop current dependent.
Input Impedance
The MH88422 is available in a number of different
variants each of which has its own fixed Tip-Ring AC
input impedance (Zin). Each variant is identified by
the final digit in its part number, as listed below. Also
shown are the countries whose PTT requirements
match these impedances.
MH88422-1
Zin = 220
Ω + 820Ω // 120nF
Australia / South Africa / Spain
MH88422BD-1
Zin = 220
Ω + 820Ω // 115nF
German BABT ZV5
MH88422-2
Zin = 600
North America
MH88422-3
Zin = 370
Ω + 620Ω // 310nF
UK / New Zealand
Many of these countries now pass equipment
approved to CTR21. The MH88422 will not meet this
specification. See the MH88437 datasheet for a
CTR21 Product.
Dummy Ringer
This device supports a dummy ringer option which
can be configured by the inclusion of external
components. Further details relating to component
values and configuration can be obtained from
MSAN-154. For example, Figure 3 shows capacitor
C2 which if set to 1.8
µF would meet the New
Zealand dummy ringer requirements.
2-4 Wire Conversion
The device converts the balanced 2-Wire input,
presented by the line at Tip and Ring, to a ground
referenced signal at VX, as required by modem/fax
chip sets.
Conversely
the
device
converts
the
ground
referenced signal input at VR, to a balanced 2-Wire
signal across Tip and Ring.
During full duplex transmission, the signal at Tip and
Ring consists of both the signal from the device to
the line and the signal from the line to the device.
The signal input at VR, being sent to the line, must
not appear at the output VX. In order to prevent this,


Similar Part No. - MH88422-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-3 MITEL-MH88422-3 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
More results

Similar Description - MH88422-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com