Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH88422-3 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MH88422-3
Description  Data Access Arrangement Preliminary Information
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422-3 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MH88422-3 Datasheet HTML 6Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 7Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 8Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 9Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 10Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 11Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 12Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 13Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Information
MH88422
2-23
Figure 6 - Test Circuit 3
Figure 7 - Test Circuit 4
DUT
+5v
1
3
5
7
9
11
13
14
16
18
20
22
24
26
VDD
AGND
LC/
RVLC/
NC
VX
VR
TIP
RLS
IC
TF
TXIN
RING
NC
1uF
100uF
470nF
Zin
10H 500
-V
I=20mA
10H 500
100uF
+
+
Vs
Gain = 20 * Log (V(Zin) / Vs)
V (Zin)
DUT
+5v
1
3
5
7
9
11
13
14
16
18
20
22
24
26
VDD
AGND
LC/
RVLC/
IC
VX
VR
TIP
RLS
IC
TF
TXIN
RING
IC
1uF
100uF
470nF
-V
10H 500
I=20mA
V1
300
300
Vs
+
100uF
+
Return Loss = 20 x Log (V1 / Vs)
10H 500
Zin


Similar Part No. - MH88422-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-3 MITEL-MH88422-3 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
More results

Similar Description - MH88422-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com