Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDU18-1400 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # WDU18-1400
Description  Wall Plug - Ins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

WDU18-1400 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  WDU18-1400 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wall Plug - Ins
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
WDU18-1400
Electrical Specifications (@25C)
1. Primary Rating: 120V 60Hz 34W
2. Primary Excitation Current: 85mA Max
3. Secondary Rating: 18VDC ± 5%, 1400mADC
4. Secondary No-Load Rating: 23.59VDC Ref.
5. Output Ripple Voltage: 1350mV Max
6. Operating Temperature Range: -10 Deg C to +40 Deg C
7. Temperature Rise: 75 Deg C Max at rated load
50 Deg C Max on enclosure surface
Mechanical Parameters:
Case Type: Thermoplastic molded enclosure.
Output Cord: 24 AWG, 6 Ft. Long Min.
Agency File:
UL/CUL: File E245587, UL 1310
A. Dimensions:
B. Schematic:
Technical Note: 1. Inside (tip)-positive (+), outside-negative (-)
U.S. DOE Compliance per Sec. 301 of EISA 2007: As of July 1, 2008, this
product is intended for use as follows:
1.
Requires Federal Food and Drug Administration listing and approval
as a medical device in accordance with section 513 of the Federal
Food, Drug, and Cosmetic Act (21 U.S.C. 360c)
2.
Powers the charger of a detachable battery pack or charges the
battery of a product that is fully or primarily motor operated.
3.
As a service part or a spare part for an end-use product manufactured
before July 1, 2008, that constitutes the primary load of this power
supply.
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
H
W
D
85
68
55
*Units: In Millimeter


Similar Part No. - WDU18-1400

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WDU18-100 TRIAD-WDU18-100 Datasheet
108Kb / 1P
   Wall Plug - Ins
WDU18-1000 TRIAD-WDU18-1000 Datasheet
105Kb / 1P
   Wall Plug - Ins
More results

Similar Description - WDU18-1400

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSU090-0800-13 TRIAD-WSU090-0800-13 Datasheet
281Kb / 1P
   Wall Plug - Ins
WSU075-1500-13 TRIAD-WSU075-1500-13 Datasheet
106Kb / 1P
   Wall Plug - Ins
WSU120-0700-R13 TRIAD-WSU120-0700-R13 Datasheet
281Kb / 1P
   Wall Plug - Ins
WSU090-3500-R TRIAD-WSU090-3500-R Datasheet
158Kb / 1P
   Wall Plug - Ins
WDU9-100 TRIAD-WDU9-100 Datasheet
105Kb / 1P
   Wall Plug - Ins
WDU12-600 TRIAD-WDU12-600 Datasheet
105Kb / 1P
   Wall Plug - Ins
WDU18-300 TRIAD-WDU18-300 Datasheet
105Kb / 1P
   Wall Plug - Ins
WDU24-500 TRIAD-WDU24-500 Datasheet
105Kb / 1P
   Wall Plug - Ins
WDU75-300 TRIAD-WDU75-300 Datasheet
105Kb / 1P
   Wall Plug - Ins
WSU150-1600-R TRIAD-WSU150-1600-R Datasheet
84Kb / 1P
   Wall Plug - Ins
WSU180-0450 TRIAD-WSU180-0450 Datasheet
157Kb / 1P
   Wall Plug - Ins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com