Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301500112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301500112
Description  100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301500112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301500112 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301500112
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
100 Amp Watertite® Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Wiring Devices
Series
130150
Comments
IEC Configuration 309-1/309-2
IP Rating
IP67
NEMA Configuration
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Name
Watertite®
Receptacle Type
N/A
Specialty
Pin and Sleeve
Type
Plug
UPC
78678870968
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
100.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
4100P12W
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130150 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301500112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301500113 MOLEX11-1301500113 Datasheet
34Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 3 600V, Black
1301500114 MOLEX11-1301500114 Datasheet
34Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 3 480V, Red
1301500116 MOLEX11-1301500116 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
1301500118 MOLEX11-1301500118 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
1301500119 MOLEX11-1301500119 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
More results

Similar Description - 1301500112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0112 MOLEX11-130150-0112 Datasheet
42Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0199 MOLEX11-130150-0199 Datasheet
42Kb / 1P
   60 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0136 MOLEX11-130150-0136 Datasheet
42Kb / 1P
   20 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500199 MOLEX11-1301500199 Datasheet
34Kb / 1P
   60 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
1301500136 MOLEX11-1301500136 Datasheet
34Kb / 1P
   20 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0115 MOLEX11-130150-0115 Datasheet
42Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 3 Pole/4 Wire, 3 250V, Blue
130150-0116 MOLEX11-130150-0116 Datasheet
52Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire, 250V,Orange
130150-0031 MOLEX11-130150-0031 Datasheet
31Kb / 1P
   100 Amp Watertite Pin and Sleeve Plug, 2 Pole/3 Wire, 250V, Blue
130150-0167 MOLEX11-130150-0167 Datasheet
59Kb / 1P
   30 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
130150-0135 MOLEX11-130150-0135 Datasheet
59Kb / 1P
   20 Amp Safeway Pin and Sleeve Plug, 3 Pole/4 Wire, 250V, Orange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com