Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301500097 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301500097
Description  60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301500097 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301500097 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301500097
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
60 Amp Watertite® Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire, 250V, Blue
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E145923
General
Product Family
Wiring Devices
Series
130150
Comments
IEC Configuration 309-1/309-2
IP Rating
IP67
NEMA Configuration
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Name
Watertite®
Receptacle Type
Single
Specialty
Pin and Sleeve
Type
Receptacle
UPC
78678861802
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
Yes
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
60.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
360R6W
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130150 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301500097

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301500094 MOLEX11-1301500094 Datasheet
52Kb / 1P
   60 Amp Safeway Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire, 125V
More results

Similar Description - 1301500097

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0097 MOLEX11-130150-0097 Datasheet
63Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire
1301500213 MOLEX11-1301500213 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
1301500209 MOLEX11-1301500209 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
130150-0213 MOLEX11-130150-0213 Datasheet
52Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
130150-0209 MOLEX11-130150-0209 Datasheet
52Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire,
1301500211 MOLEX11-1301500211 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 3 Pole/4 Wire
1301500057 MOLEX11-1301500057 Datasheet
45Kb / 1P
   20 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire
130150-0033 MOLEX11-130150-0033 Datasheet
52Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire
1301500033 MOLEX11-1301500033 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Receptacle with Flip Lid, 2 Pole/3 Wire
130150-0279 MOLEX11-130150-0279 Datasheet
52Kb / 1P
   60 Amp Watertite Pin and Sleeve Receptacle with Flip Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com