Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TND316S Datasheet(PDF) 1 Page - ON Semiconductor

Part # TND316S
Description  Excellent Power Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND316S Datasheet(HTML) 1 Page - ON Semiconductor

  TND316S Datasheet HTML 1Page - ON Semiconductor TND316S Datasheet HTML 2Page - ON Semiconductor TND316S Datasheet HTML 3Page - ON Semiconductor TND316S Datasheet HTML 4Page - ON Semiconductor TND316S Datasheet HTML 5Page - ON Semiconductor TND316S Datasheet HTML 6Page - ON Semiconductor TND316S Datasheet HTML 7Page - ON Semiconductor TND316S Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
92612 TKIM TC-00002817/D0606IP TIIM TB-00001536 No. A0422-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
TND316S
Excellent Power Device
Inverter and buffer driver for general purpose, Dual SOIC8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Inverter buffer
Monolithic structure (High voltage CMOS process adopted)
Withstand voltage of 25V is assured
Wide range of operating voltage : 4.5V to 25V
Peak output current : 1A
Fast switching time (30ns typical at 1000pF load)
Fully compatible input to TTL / CMOS (VIH=up to 2.6V, at VDD=4.5 to 25V)
Built-in input pull-down resistance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VDD
0 to 25
V
Input Voltage
VIN
GND--0.3 to VDD+0.3
V
Allowable Power Dissipation
PD max
0.3
W
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7072-005
Ordering number : ENA0422A
Product & Package Information
• Package
: SOIC8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 2,500 pcs./reel
Packing Type: TL
Marking
Block Diagram
4.9
0.22
14
5
8
0.445
1.27
0.254 (GAGE PLANE)
1 : NC
2 : IN A
3 : GND
4 : IN B
5 : OUT B
6 : VDD
7 : OUT A
8 : NC
SOIC8
TL
TND
LOT No.
316
TND316S-TL-2H
VDD
IN
OUT
INVERTING
NON-INVERTING
GND


Similar Part No. - TND316S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND316S SANYO-TND316S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results

Similar Description - TND316S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TND027SW ONSEMI-TND027SW Datasheet
355Kb / 9P
   Excellent Power Device
August, 2013
TND321VD ONSEMI-TND321VD Datasheet
655Kb / 7P
   Excellent Power Device
March 2015 - Rev. 1
TND314S ONSEMI-TND314S Datasheet
318Kb / 8P
   Excellent Power Device
August, 2013
TND315S ONSEMI-TND315S Datasheet
302Kb / 8P
   Excellent Power Device
August, 2013
TND323VD ONSEMI-TND323VD Datasheet
714Kb / 7P
   Excellent Power Device
March 2015 - Rev. 2
TND523SS ONSEMI-TND523SS Datasheet
464Kb / 12P
   Excellent Power Device
August, 2013
TND322VD-TL-E ONSEMI-TND322VD-TL-E Datasheet
310Kb / 8P
   Excellent Power Device
August, 2013
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
   Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
   ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
ON Semiconductor
TND524VS-TL-H ONSEMI-TND524VS-TL-H Datasheet
419Kb / 11P
   Excellent Power Device Single-phase High Side Drive, Single VEC8
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com