Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSL12TT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSL12TT1
Description  High Current Surface Mount PNP Silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSL12TT1 Datasheet(HTML) 5 Page - ON Semiconductor

  NSL12TT1 Datasheet HTML 1Page - ON Semiconductor NSL12TT1 Datasheet HTML 2Page - ON Semiconductor NSL12TT1 Datasheet HTML 3Page - ON Semiconductor NSL12TT1 Datasheet HTML 4Page - ON Semiconductor NSL12TT1 Datasheet HTML 5Page - ON Semiconductor NSL12TT1 Datasheet HTML 6Page - ON Semiconductor NSL12TT1 Datasheet HTML 7Page - ON Semiconductor NSL12TT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NSL12TT1
http://onsemi.com
5
1.4
0.5 min. (3x)
TYPICAL
SOLDERING PATTERN
Unit: mm
PD =
TJ(max) – TA
RθJA
PD =
150
°C – 25°C
833
°C/W
= 150 milliwatts
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied dur-
ing cooling
* Soldering a device without preheating can cause exces-
sive thermal shock and stress which can result in damage
to the device.
INFORMATION FOR USING THE SOT–416 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
SOT–416/SC–90 POWER DISSIPATION
The power dissipation of the SOT–416/SC–90 is a func-
tion of the pad size. This can vary from the minimum pad
size for soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device
is determined by TJ(max), the maximum rated junction tem-
perature of the die, R
θJA, the thermal resistance from the
device junction to ambient; and the operating temperature,
TA. Using the values provided on the data sheet, PD can be
calculated as follows.
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one
can calculate the power dissipation of the device which in
this case is 125 milliwatts.
The 833
°C/W assumes the use of the recommended foot-
print on a glass epoxy printed circuit board to achieve a
power dissipation of 150 milliwatts. Another alternative
would be to use a ceramic substrate or an aluminum core
board such as Thermal Clad
™. Using a board material such
as Thermal Clad, a higher power dissipation can be
achieved using the same footprint.
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference should be a maximum of 10
°C.


Similar Part No. - NSL12TT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSL12AW ONSEMI-NSL12AW Datasheet
48Kb / 4P
   High Current Surface Mount PNP Silicon Low VCE(sat) Transistor for Battery Operated Applications
April, 2002 ??Rev. 1
NSL12AWT1 ONSEMI-NSL12AWT1 Datasheet
48Kb / 4P
   High Current Surface Mount PNP Silicon Low VCE(sat) Transistor for Battery Operated Applications
April, 2002 ??Rev. 1
NSL12AWT1G ONSEMI-NSL12AWT1G Datasheet
131Kb / 4P
   High Current Surface Mount PNP Silicon Low VCE(sat) Transistor
October, 2009 ??Rev. 3
More results

Similar Description - NSL12TT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMBT35200MT1G ONSEMI-SMBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com