Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL3HS2222 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NL3HS2222
Description  High-Speed USB 2.0 DPDT Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL3HS2222 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NL3HS2222 Datasheet HTML 2Page - ON Semiconductor NL3HS2222 Datasheet HTML 3Page - ON Semiconductor NL3HS2222 Datasheet HTML 4Page - ON Semiconductor NL3HS2222 Datasheet HTML 5Page - ON Semiconductor NL3HS2222 Datasheet HTML 6Page - ON Semiconductor NL3HS2222 Datasheet HTML 7Page - ON Semiconductor NL3HS2222 Datasheet HTML 8Page - ON Semiconductor NL3HS2222 Datasheet HTML 9Page - ON Semiconductor NL3HS2222 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NL3HS2222
www.onsemi.com
10
PACKAGE DIMENSIONS
UQFN10 1.4x1.8, 0.4P
CASE 488AT−01
ISSUE A
MOUNTING FOOTPRINT*
10 X
PITCH
1
9 X
SCALE 20:1
0.663
0.0261
0.200
0.0079
0.400
0.0157
0.225
0.0089
2.100
0.0827
1.700
0.0669
0.563
0.0221
mm
inches
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
A
b
A1
0.05 C
SEATING
PLANE
NOTE 3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
DIM
MIN
MAX
MILLIMETERS
A
1.40 BSC
A1
0.40 BSC
0.45
0.60
b
D
0.30
0.50
E
e
L
L1
0.00
0.05
PIN 1 REFERENCE
D
A
E
B
0.10 C
2X
0.10 C
2X
0.05 C
C
L3
10
1
3
5
6
0.05 C
0.10 CA B
10 X
e
e/2
L
9 X
0.00
0.15
1.80 BSC
0.15
0.25
10X
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
L3
0.40
0.60
0.127 REF
A3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NL3HS2222/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NL3HS2222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
More results

Similar Description - NL3HS2222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223_18 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
   High-Speed USB 2.0(480 Mbps) DPDT Switches
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com