Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB50N60SWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTB50N60SWG
Description  IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB50N60SWG Datasheet(HTML) 1 Page - ON Semiconductor

  NGTB50N60SWG Datasheet HTML 1Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 2Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 3Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 4Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 5Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 6Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 7Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 8Page - ON Semiconductor NGTB50N60SWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 0
1
Publication Order Number:
NGTB50N60SW/D
NGTB50N60SWG
IGBT
This Insulated Gate Bipolar Transistor (IGBT) features a robust and
cost effective Field Stop (FS) Trench construction, and provides
superior performance in demanding switching applications, offering
both low on state voltage and minimal switching loss. The IGBT is
well suited for half bridge resonant applications. Incorporated into the
device is a soft and fast co−packaged free wheeling diode with a low
forward voltage.
Features
Low Saturation Voltage using Trench with Fieldstop Technology
Low Switching Loss Reduces System Power Dissipation
Low Gate Charge
Soft, Fast Free Wheeling Diode
This is a Pb−Free Device
Typical Applications
Inductive Heating
Soft Switching
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
600
V
Collector current
@ TC = 25
°C
@ TC = 100
°C
IC
100
50
A
Pulsed collector current, Tpulse
limited by TJmax
ICM
200
A
Diode forward current
@ TC = 25
°C
@ TC = 100
°C
IF
100
50
A
Diode pulsed current, Tpulse limited
by TJmax
IFM
200
A
Gate−emitter voltage
VGE
$20
V
Power Dissipation
@ TC = 25
°C
@ TC = 100
°C
PD
W
Operating junction temperature
range
TJ
−55 to +150
°C
Storage temperature range
Tstg
−55 to +150
°C
Lead temperature for soldering, 1/8”
from case for 5 seconds
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
TO−247
CASE 340L
STYLE 4
C
G
50 A, 600 V
VCEsat = 2.4 V
Eoff = 0.60 mJ
E
Device
Package
Shipping
ORDERING INFORMATION
NGTB50N60SWG
TO−247
(Pb−Free)
30 Units / Rail
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
50N60SW
AYWWG
G
E
C


Similar Part No. - NGTB50N60SWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N60S1WG ONSEMI-NGTB50N60S1WG Datasheet
90Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
More results

Similar Description - NGTB50N60SWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com