Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB40N65FL2WG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTB40N65FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N65FL2WG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTB40N65FL2WG Datasheet HTML 1Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 2Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 3Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 4Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 5Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 6Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 7Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 8Page - ON Semiconductor NGTB40N65FL2WG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NGTB40N65FL2WG
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Eon
Figure 7. Diode Forward Characteristics
VF, FORWARD VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
110
TJ = 25°C
TJ = 150°C
60
50
40
30
20
10
0
Figure 8. Typical Gate Charge
QG, GATE CHARGE (nC)
150
100
50
0
0
2
4
6
8
12
14
16
200
10
Figure 9. Switching Loss vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
160
VCE = 400 V
VGE = 15 V
IC = 40 A
Rg = 10
W
Eoff
Figure 10. Switching Time vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
20
0
100
1000
160
VCE = 400 V
VGE = 15 V
IC = 40 A
Rg = 10
W
tr
td(on)
Figure 11. Switching Loss vs. IC
IC, COLLECTOR CURRENT (A)
45
35
15
5
4.5
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10
W
Eoff
Figure 12. Switching Time vs. IC
IC, COLLECTOR CURRENT (A)
100
1000
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10
W
3.5
4.0
Eon
tf
td(off)
10
tr
td(on)
tf
td(off)
55
65
75
85
45
35
25
555
65
75
85
10
1.75
1.50
1.25
0.75
0.50
0.25
0
4.0
3.0
2.0
1.5
0.5
0
70
90
80
100
18
20
VCE = 480 V
VGE = 15 V
IC = 40 A
1.00
1.0
2.5
3.5
25
15


Similar Part No. - NGTB40N65FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N65FL2WG ONSEMI-NGTB40N65FL2WG Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB40N65FL2WG ONSEMI-NGTB40N65FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results

Similar Description - NGTB40N65FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com