Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD5L5.0T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LESD5L5.0T1G
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD5L5.0T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LESD5L5.0T1G Datasheet HTML 1Page - Leshan Radio Company LESD5L5.0T1G Datasheet HTML 2Page - Leshan Radio Company LESD5L5.0T1G Datasheet HTML 3Page - Leshan Radio Company LESD5L5.0T1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESD5L5.0T1G
LESHAN RADIO COMPANY, LTD.
Shipping
3000/Tape&Reel
LESD5L5.0T1G
Ordering information
Device
Marking
5L
Transient Voltage
Suppressors
ESD Protection Diodes with Ultra−Low
Capacitance
The ESD5L is designed to protect voltage sensitive components that
require ultra−low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed and
antenna line applications.
Specification Features:
Ultra Low Capacitance 0.5 pF
Low Clamping Voltage
Small Body Outline Dimensions:
0.047
″ x 0.032″ (1.20 mm x 0.80 mm)
Low Body Height: 0.024″ (0.6 mm)
Stand−off Voltage: 5 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:
Device Meets MSL 1 Requirements
PIN 1. CATHODE
2. ANODE
12
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
200
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
260
°C
LESD5L5.0T1G
SOD– 523
2
1
Rev.O 1/4


Similar Part No. - LESD5L5.0T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5L5.0CT1G LRC-LESD5L5.0CT1G Datasheet
577Kb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Shanghai Leiditech Elec...
LESD5L5.0CT1G LEIDITECH-LESD5L5.0CT1G Datasheet
1Mb / 3P
   1-Line Bi - directional TVS Dio de
Rev : 01.09.2021
More results

Similar Description - LESD5L5.0T1G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SESD5L5.0T1 WILLAS-SESD5L5.0T1 Datasheet
363Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3T1G LRC-LESD5L3.3T1G Datasheet
560Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3CT5G LRC-LESD9L3.3CT5G Datasheet
475Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3T5G LRC-LESD9L3.3T5G Datasheet
489Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
First Silicon Co., Ltd
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
FTV10BLUL2 FS-FTV10BLUL2 Datasheet
503Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3CT1G LRC-LESD5L3.3CT1G Datasheet
283Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D05VLH-C SOCAY-ESD11D05VLH-C Datasheet
578Kb / 3P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
WILLAS ELECTRONIC CORP
SESD9L5.0T5 WILLAS-SESD9L5.0T5 Datasheet
280Kb / 4P
   ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D12VLV-C SOCAY-ESD11D12VLV-C Datasheet
566Kb / 3P
   ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com