Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD5D5.0CT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LESD5D5.0CT1G
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD5D5.0CT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LESD5D5.0CT1G Datasheet HTML 1Page - Leshan Radio Company LESD5D5.0CT1G Datasheet HTML 2Page - Leshan Radio Company LESD5D5.0CT1G Datasheet HTML 3Page - Leshan Radio Company LESD5D5.0CT1G Datasheet HTML 4Page - Leshan Radio Company LESD5D5.0CT1G Datasheet HTML 5Page - Leshan Radio Company LESD5D5.0CT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Parameter
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @
VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
5.0
1
5.6
1.0
11.6
18.6
9.4
174
15
*Surge current waveform per Figure 1.
1. VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform
LESD5D5.0CT1G
LESHAN RADIO COMPANY, LTD.
LESD5D5.0CT1G
Max
7.8
Rev.O 2/6


Similar Part No. - LESD5D5.0CT1G

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LESD5D5.0CT1G UMW-LESD5D5.0CT1G Datasheet
405Kb / 4P
   The LESD5D5.0CT1G is designed to protect voltage
More results

Similar Description - LESD5D5.0CT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com