Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L74VHC1GU04DFT2 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1GU04DFT2
Description  advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GU04DFT2 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1GU04DFT2 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GU04DFT2 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1GU04
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature
L74VHC1GU04DFT1
L
74
VHC1G
U04
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GU04DFT2
L
74
VHC1G
U04
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1GU04DFT4
L
74
VHC1G
U04
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
L74VHC1GU04DTT1
L
74
VHC1G
U04
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
L74VHC1GU04DTT3
L
74
VHC1G
U04
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Device
Order Number
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
Figure 4. Switching Waveforms
4/6


Similar Part No. - L74VHC1GU04DFT2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1GU04DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com