Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A301 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # 1A301
Description  High-Performance LED(Datacom)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A301 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  1A301 Datasheet HTML 1Page - Mitel Networks Corporation 1A301 Datasheet HTML 2Page - Mitel Networks Corporation 1A301 Datasheet HTML 3Page - Mitel Networks Corporation 1A301 Datasheet HTML 4Page - Mitel Networks Corporation 1A301 Datasheet HTML 5Page - Mitel Networks Corporation 1A301 Datasheet HTML 6Page - Mitel Networks Corporation 1A301 Datasheet HTML 7Page - Mitel Networks Corporation 1A301 Datasheet HTML 8Page - Mitel Networks Corporation 1A301 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
820nm
1A301
High-Performance LED
Core Diameter/Cladding Diameter
Numerical Aperture
50/125 m
62.5/125 m
100/140 m
200/230 m
0.20
0.275
0.29
0.37
Table 1
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
z - AXIAL DISPLACEMENT OF FIBER
0
20
40
60
80
100
%
0.5
1.0
1.5
2.0
2.5
3.0 mm
r
r = opt.
Øc = 62.5ʵm
z
0
20
40
60
80
100
%
0
20
40
60
80
100 µm
r
z = opt.
Øc = 62.5ʵm
z
r - RADIAL DISPLACEMENT OF FIBER
FORWARD VOLTAGE
mA
200
100
0
0
1
2
3
V
0
20
40
60
80
100
%
0
40
80
120
160
200 mA
FORWARD CURRENT
50% DUTY CYCLE
DC
HEAT SINKED
mW
300
200
100
0
0
50
100
150¡C
NO HEAT SINK
OPERATING TEMPERATURE
INFINITE
HEAT SINK
30 W
80 W
160 W
210 W
Typical Fiber-Coupled Power


Similar Part No. - 1A301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A302 ETC-1A302 Datasheet
46Kb / 2P
   High-Performance LED FM Video
More results

Similar Description - 1A301

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
1A288 MITEL-1A288 Datasheet
194Kb / 10P
   High-Performance LED(Avionics, Military Datacom)
1A194 MITEL-1A194 Datasheet
196Kb / 10P
   High-Performance LED(Datacom, General Purpose)
1A225 MITEL-1A225 Datasheet
193Kb / 10P
   High-Performance LED(Single-Mode Datacom)
1A239 MITEL-1A239 Datasheet
193Kb / 10P
   High-Performance LED(Datacom, General Purpose)
1A272 MITEL-1A272 Datasheet
196Kb / 10P
   High-Performance LED(Avionics, Military Datacom)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
   High-Performance LED(Datacom, Intra-Office Telecom)
1A358 MITEL-1A358 Datasheet
190Kb / 10P
   High-Performance PIN(Datacom, Telecom, General Purpose)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com