Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA-2A Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SMA-2A
Description  High-Performance LED(Baseband Video)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SMA-2A Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SMA-2A Datasheet HTML 2Page - Mitel Networks Corporation SMA-2A Datasheet HTML 3Page - Mitel Networks Corporation SMA-2A Datasheet HTML 4Page - Mitel Networks Corporation SMA-2A Datasheet HTML 5Page - Mitel Networks Corporation SMA-2A Datasheet HTML 6Page - Mitel Networks Corporation SMA-2A Datasheet HTML 7Page - Mitel Networks Corporation SMA-2A Datasheet HTML 8Page - Mitel Networks Corporation SMA-2A Datasheet HTML 9Page - Mitel Networks Corporation SMA-2A Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
105515 1994-09-20
FC-2A
Package
Emitter or Detector in FC Package
Ø 2.2
9.2
M8x0.75 Thread
5.50
2.0
5.6
min.12
7.95
0.006
FIBER
END
Ø2.5
+0
-0.004
max. 0.5
MATING FERRULE
*
(not included)
Mitel emitters and detectors can be
provided in this low-profile FC pack-
age. The device is electrically isolat-
ed from the FC receptacle to facil-
itate electrical connection. And opti-
mum fiber-coupled power or respon-
sivity is ensured by active alignment
against the fiber.
Mechanical Outline of Diode in FC-2A Housing
Absolute Maximum Ratings
Thermal Characteristics
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
All Dimensions in mm
* The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Note 1: Temperature range can be extended to -55° to +125°C on request.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthcc
40
C/W
(Note 2)
Thermal Resistance - No Heat Sink
Rthca
200
C/W
(Note 2)
Thermal Resistance - On PC Board
Rthca
80
C/W
(Note 2)
PARAMETER
SYMBOL
LIMIT
Operating & Storage Temperature
Tstg, Top
-40 to +85 C
FC-2A (Note 1)


Similar Part No. - SMA-2A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SMA-2A MITEL-SMA-2A Datasheet
194Kb / 10P
   High-Performance LED(FM and Baseband Video)
SMA-2A MITEL-SMA-2A Datasheet
182Kb / 9P
   High-Performance LED(Baseband Video)
More results

Similar Description - SMA-2A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A284 MITEL-1A284 Datasheet
52Kb / 3P
   High-Performance LED(Baseband Video)
1A359 MITEL-1A359 Datasheet
182Kb / 9P
   High-Performance LED(Baseband Video)
1A277A MITEL-1A277A Datasheet
194Kb / 10P
   High-Performance LED(FM and Baseband Video)
1A184A MITEL-1A184A Datasheet
196Kb / 10P
   High-Performance LED(FM Video)
logo
List of Unclassifed Man...
1A302 ETC-1A302 Datasheet
46Kb / 2P
   High-Performance LED FM Video
logo
Skyworks Solutions Inc.
SI4694 SKYWORKS-SI4694 Datasheet
777Kb / 7P
   High-Performance DRM30 Baseband Coprocessor
November 9, 2021
SI4614-A10 SKYWORKS-SI4614-A10 Datasheet
683Kb / 3P
   Low-Power, High-Performance DAB/DAB Baseband Processor
August 22, 2021
logo
Silicon Laboratories
SI4614-A10 SILABS-SI4614-A10 Datasheet
990Kb / 3P
   Low-Power, High-Performance DAB/DAB Baseband Processor
logo
Analog Devices
AD811 AD-AD811_04 Datasheet
558Kb / 20P
   High Performance Video Op Amp
Rev. E
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com