Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF20200CT Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # MBRF20200CT
Description  For General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBRF20200CT Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  MBRF20200CT Datasheet HTML 1Page - GOOD-ARK Electronics MBRF20200CT Datasheet HTML 2Page - GOOD-ARK Electronics MBRF20200CT Datasheet HTML 3Page - GOOD-ARK Electronics MBRF20200CT Datasheet HTML 4Page - GOOD-ARK Electronics MBRF20200CT Datasheet HTML 5Page - GOOD-ARK Electronics MBRF20200CT Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
苏州固锝电子股份有限公司
4 / 6
3.Features& Mechanical Characteristics
Features
Plastic package has underwriters Laboratory
Flammability Classification 94V-0
● Dual rectifier construction,positive center tap
● Metal of silicon rectifier,majority carrier conduction
● Low forward voltage,high efficiency
● Guarding for over voltage protection
● For use in low voltage,high frequency inverters,
● Free wheeling,and polarity protection applications
Mechanical Characteristics
● Case:Epoxy,Molded
● Weight: 1.9grams(approximately)
● Finish:All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes:260°C Max.for10 sec
● Shipped 50 units per plastic tube
4.Maximum Ratings and Electrical Characteristics
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBRF20200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
150
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Isolation voltage (TO220F-AB only) from terminal to
heatsink t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=10A
IF=10A
TC=25℃
TC=125℃
VF
0.94
0.85
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
400
15
uA
mA
Thermal Characteristics Ta=25
unless otherwise noted
Symbol
Parameter
Max
Unit
RθJC
Thermal Resistance,Junction to Case per Leg
4.0
°C /W
RθJA
Thermal Resistance,Junction to Ambient per Leg
62.5
°C /W
Note:
1. Screw mounting with 4-40 screw,where washer diameteris≤4.9mm(0.19〃)
2. Pulse test:300us pulse width,1% duty cycle


Similar Part No. - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20200CT MOTOROLA-MBRF20200CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifirer
logo
Formosa MS
MBRF20200CT FORMOSA-MBRF20200CT Datasheet
171Kb / 3P
   20A SCHOTTKY BARRIER DIODE
logo
Foshan Blue Rocket Elec...
MBRF20200CT FOSHAN-MBRF20200CT Datasheet
1Mb / 6P
   Schottky Diode in a TO-220F Plastic Package
logo
Taiwan Semiconductor Co...
MBRF20200CT TSC-MBRF20200CT Datasheet
122Kb / 2P
   Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
Surge Components
BAV100 SURGE-BAV100 Datasheet
1Mb / 1P
   for general purpose
logo
GOOD-ARK Electronics
MBRF30100CT GOOD-ARK-MBRF30100CT Datasheet
336Kb / 6P
   For General Purpose
MBRL20100CT GOOD-ARK-MBRL20100CT Datasheet
320Kb / 6P
   For General Purpose
MBRP1045 GOOD-ARK-MBRP1045_15 Datasheet
489Kb / 7P
   For General Purpose
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
SHENZHEN YONGERJIA INDU...
1N6263 WINNERJOIN-1N6263 Datasheet
75Kb / 2P
   For general purpose applications
logo
Isahaya Electronics Cor...
RT1C3904-T112 ISAHAYA-RT1C3904-T112 Datasheet
123Kb / 4P
   FOR GENERAL PURPOSE APPLICATION
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
List of Unclassifed Man...
BU-90-0 ETC2-BU-90-0 Datasheet
1Mb / 1P
   Insulator for General Purpose Clip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com