Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A212 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # 1A212
Description  High-Performance DUPLEX(Half-Duplex Communication)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A212 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button 1A212 Datasheet HTML 2Page - Mitel Networks Corporation 1A212 Datasheet HTML 3Page - Mitel Networks Corporation 1A212 Datasheet HTML 4Page - Mitel Networks Corporation 1A212 Datasheet HTML 5Page - Mitel Networks Corporation 1A212 Datasheet HTML 6Page - Mitel Networks Corporation 1A212 Datasheet HTML 7Page - Mitel Networks Corporation 1A212 Datasheet HTML 8Page - Mitel Networks Corporation 1A212 Datasheet HTML 9Page - Mitel Networks Corporation 1A212 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
SMA-2A
Package
Emitter or Detector in SMA Package
103325 1994-09-20
Mitel emitters and detectors can be
provided in this low-profile SMA
package. The device is electrically
isolated from the SMA receptacle to
facilitate electrical connection. And
optimum fiber-coupled power or
responsivity is ensured by active
alignment against the fiber.
max.0.5
2-56 UNC - 2B
3.9
5.7
15.2
min.12
7.2
Ø3.176
+0.01
0
9.8 ± 0.03
FIBER
END
0.006
MATING FERRULE
*
(not included)
Mechanical Outline of Diode in SMA-2A Housing
All Dimensions in mm
*The fiber-coupled power/responsivity is guaranteed to meet the LED/PIN data sheet - provided a ferrule meeting this specification is used.
Absolute Maximum Ratings
Thermal Characteristics
Note 2: Add Rthjc for emitter or detector to estimate the total thermal resistance.
Note 1: Temperature range can be extended to -55° to +125°C on request.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthcc
40
C/W
(Note 2)
Thermal Resistance - No Heat Sink
Rthca
200
C/W
(Note 2)
Thermal Resistance - On PC Board
Rthca
80
C/W
(Note 2)
PARAMETER
SYMBOL
LIMIT
Operating & Storage Temperature
SMA-2A (Note 1)
Tstg, Top
- 40 to +85 C


Similar Part No. - 1A212

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1A2 DEC-1A2 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Pan Jit International I...
1A2 PANJIT-1A2 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
1A2 YFWDIODE-1A2 Datasheet
92Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
1A2 WTE-1A2 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Nantong Hornby Electron...
1A2 HORNBY-1A2 Datasheet
248Kb / 3P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results

Similar Description - 1A212

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A353 MITEL-1A353 Datasheet
195Kb / 10P
   High-Performance Duplex(Half-Duplex Communication)
logo
Prosoft-Technology
MVI46-DFCM PROSOFT-MVI46-DFCM Datasheet
94Kb / 2P
   DF1 Half/Full Duplex Master/Slave Communication Module
logo
CML Microcircuits
CMX7262 CMLMICRO-CMX7262 Datasheet
2Mb / 52P
   Half-duplex operation
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Shanghai Leiditech Elec...
LM485EPA LEIDITECH-LM485EPA Datasheet
4Mb / 10P
   5V power supply, half duplex
LM3485SA LEIDITECH-LM3485SA Datasheet
7Mb / 6P
   3.3V power supply, half duplex
LM3485PA LEIDITECH-LM3485PA Datasheet
7Mb / 13P
   3.3V power supply, half duplex
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com