Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP35-12-F-TYPE Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # BP35-12-F-TYPE
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

BP35-12-F-TYPE Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  BP35-12-F-TYPE Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
35.0Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
9m
10.5 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
195±1.5
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
11450g(25.25lbs.)
VRLA Rechargeable Battery
BP35-12
Technology
Measures
Innovation
Values
B.B. Battery Co., Ltd.
Powered by
REV. Mar. 2013
A/3
FEATURES
SPECIFICATIONS
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
Approx. Weight
Max. Discharge Current
525 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(7.68±0.06)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1265
1465
1556
1626
1680
932
1009
1045
1071
1092
747
781
805
824
840
444
461
472
478
483
254.7
262.4
267.1
270.3
273.0
102.0
104.1
105.0
105.7
106.4
70.3
71.4
71.8
72.0
72.3
39.31
39.90
40.10
40.22
40.22
20.69
21.00
21.11
21.17
21.17
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
114.0
134.4
142.8
149.2
154.1
82.0
88.8
92.0
94.2
96.1
64.9
67.9
70.0
71.6
73.0
37.6
39.1
40.0
40.5
40.9
21.4
22.0
22.4
22.7
22.9
8.50
8.67
8.75
8.81
8.86
5.86
5.95
5.98
6.00
6.02
3.28
3.32
3.34
3.35
3.35
1.72
1.75
1.76
1.76
1.76
Finger Type
1.80V
1.75V
1.70V
1.65V
1.60V
1.80V
1.75V
1.70V
1.65V
1.60V
B7 (Fitting M6 bolt & nut) I2 is optional
Terminal Hardware Initial Torque: B7/I2(5.5Nm±5%)
195 1.5(7.68 0.06)
129 1.5(5.08 0.06)
Terminal B7
16.2(0.64)
6.2(0.24)
[M6 BOLT & NUT]
Terminal I2
[M6 BOLT]
M6x1.0
Length
Width
129±1.5
Container Height
168±1.5
Total Height
B7:179±2.0
(5.08±0.06)
(6.61±0.06)
(7.05±0.08)
I2:168±2.0 (6.61±0.08)
APPLICATION
UPS
Wheelchairs
Lawn Mowers
Electronic Medical Equipment
Golf-Carts
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity loss per month.
Can be used in any orientation(excluding used inverted).
Absorbent Glass Mat technology for efficient gas recombination.
Standard: ABS( UL 94-HB)
BP35-12
BP35-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - BP35-12-F-TYPE

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP35-12-H-TYPE BB-BATTERY-BP35-12-H-TYPE Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
BP35-12-S-TYPE BB-BATTERY-BP35-12-S-TYPE Datasheet
163Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - BP35-12-F-TYPE

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com