Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1205Z-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1205Z-E
Description  High-Voltage, Large-Current Darlington Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1205Z-E Datasheet(HTML) 2 Page - ON Semiconductor

  LB1205Z-E Datasheet HTML 1Page - ON Semiconductor LB1205Z-E Datasheet HTML 2Page - ON Semiconductor LB1205Z-E Datasheet HTML 3Page - ON Semiconductor LB1205Z-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1205
No.1831-2/4
Electrical Characteristics at Ta
 25C, VDD = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output saturation voltage
VOsat1
VIN = VDD-5.0V, IO = 0.5A
1.2
V
VOsat2
VIN = VDD-5.0V, IO = 1.0A
1.5
V
VOsat3
VIN = VDD-5.0V, IO = 1.5A
2.0
V
Output sustain voltage
VOsus
IO = 100mA
65
V
Input current
IIN
VDD = 7.0V, VIN = VDD-7.0V
1.0
mA
Spark killer diode forward voltage
VFS
IFS = 1.5A
3.0
V
Spark killer diode reverse current
IRS
VCC = 62V, VO = 0V
30
A
Package Dimensions
unit : mm
-20
0
20
40
60
80
100
0
3.0
2.0
1.5
1.0
0.5
Pd max -- Ta
75
2.5
2.6
1.9
1.14
1.56
Ambient temperature, Ta -- °C
Independent IC
Mounted on the recommended PCB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
PDIP16 FUSED LEADS / DIP16F (300 mil)
CASE 646AQ
ISSUE O


Similar Part No. - LB1205Z-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1205Z-E ONSEMI-LB1205Z-E Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
More results

Similar Description - LB1205Z-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
   High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
   High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
   High-Voltage, Large-Current Darlington Driver
August, 2013
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
LB1235 SANYO-LB1235 Datasheet
66Kb / 2P
   High-Voltage, High-Current Darlington Driver?
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
   High-Voltage, High-Current Darlington Driver
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Toshiba Semiconductor
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com