Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301470105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301470105
Description  Watertite Connector with Locking Blade, 3 Pole/4 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301470105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301470105 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301470105
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Connector with Locking Blade, 3 Pole/4 Wire, NEMA L15-30, 3ø 250V, Cord
Grip Body Size F4
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E10176
General
Product Family
Wiring Devices
Series
130147
IP Rating
IP67
NEMA Configuration
NEMA L15-30
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Connector
UPC
78678871333
Woodhead
Yes
Physical
Cord Grip Body Size
F4 1"
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
3Ø 250V
Material Info
Old Part Number
29W75
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130147 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301470105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301470101 MOLEX11-1301470101 Datasheet
48Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, Single Flip Coverplate
1301470102 MOLEX11-1301470102 Datasheet
48Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
1301470103 MOLEX11-1301470103 Datasheet
35Kb / 1P
   Watertite Extra Hard Outdoor Connector with Locking Blade, 3 Pole/4 Wire
1301470104 MOLEX11-1301470104 Datasheet
50Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, Single Flip Coverplate
1301470106 MOLEX11-1301470106 Datasheet
35Kb / 1P
   Watertite Extra Hard Outdoor Connector with Locking Blade
More results

Similar Description - 1301470105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0056 MOLEX11-130147-0056 Datasheet
38Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0059 MOLEX11-130147-0059 Datasheet
38Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
1301470059 MOLEX11-1301470059 Datasheet
31Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire,
1301470102 MOLEX11-1301470102 Datasheet
48Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
1301550104 MOLEX11-1301550104 Datasheet
36Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0102 MOLEX11-130147-0102 Datasheet
56Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
130155-0104 MOLEX11-130155-0104 Datasheet
43Kb / 1P
   Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0077 MOLEX11-130147-0077 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0081 MOLEX11-130147-0081 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0078 MOLEX11-130147-0078 Datasheet
53Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com