Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV78713MW0G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV78713MW0G
Description  High Efficiency Buck Single LED Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV78713MW0G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV78713MW0G Datasheet HTML 7Page - ON Semiconductor NCV78713MW0G Datasheet HTML 8Page - ON Semiconductor NCV78713MW0G Datasheet HTML 9Page - ON Semiconductor NCV78713MW0G Datasheet HTML 10Page - ON Semiconductor NCV78713MW0G Datasheet HTML 11Page - ON Semiconductor NCV78713MW0G Datasheet HTML 12Page - ON Semiconductor NCV78713MW0G Datasheet HTML 13Page - ON Semiconductor NCV78713MW0G Datasheet HTML 14Page - ON Semiconductor NCV78713MW0G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NCV78713
www.onsemi.com
11
Table 6. ELECTRICAL CHARACTERISTICS (continued)
(All Min and Max parameters are guaranteed over full junction temperature (TJP) range (−40°C; 150°C), unless otherwise specified)
Characteristic
Unit
Max
Typ
Min
Condition
Symbol
3 V DIGITAL INPUTS (TEST, TEST1, TEST2)
High-Level Input Voltage
VIN3HI
2.3
V
Low-Level Input Voltage
VIN3LO
0.8
V
Pull Resistance
RPD3
Pull-Down Resistance
60
k
W
SPI INTERFACE
CSB Setup Time
tCSS
0.5
ms
CSB Hold Time
tCSH
0.25
ms
SCLK Low Time
tWL
0.5
ms
SCLK High Time
tWH
0.5
ms
Data-In (DIN) Setup Time,
Valid Data before Rising Edge
of CLK
tSU
0.25
ms
Data-In (DIN) Hold Time, Hold
Data after Rising Edge of CLK
tH
0.275
ms
Output (DOUT) Disable Time
(Note 23)
tDIS
0.08
0.32
ms
Output (DOUT) Valid
(Note 23)
tV1→0
0.32
ms
Output (DOUT) Valid
(Note 24)
tV0→1
0.32 +
t(RC)
ms
Output (DOUT) Hold Time
tHO
0.01
ms
CSB High Time
tCS
1
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
23. SDO low-side switch activation time.
24. Time depends on the SDO load and pull-up resistor.
Figure 5. SPI Communication Timing
DIN15
DOUT15
DOUT14
DOUT13
DOUT1
DOUT0
DIN14
DIN13
DIN1
DIN0
HI−Z
DIN
CSB
DOUT
SCLK
VIH
VIL
Initial State of SCLK after CSB Falling Edge
is Don’t Care, It Can be Low or High
HI−Z
VIH
VIL
VIH
VIL
VIH
VIL
tCS
tCSH
tDIS
tWL
tWH
tHO
tV
tH
tSU
tCSS


Similar Part No. - NCV78713MW0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78702 ONSEMI-NCV78702 Datasheet
1,005Kb / 34P
   Multiphase Booster LED Driver for Automotive Front Lighting
February, 2020 ??Rev. 2
NCV78702DE0R2G ONSEMI-NCV78702DE0R2G Datasheet
1,005Kb / 34P
   Multiphase Booster LED Driver for Automotive Front Lighting
February, 2020 ??Rev. 2
NCV78702MW0R2G ONSEMI-NCV78702MW0R2G Datasheet
1,005Kb / 34P
   Multiphase Booster LED Driver for Automotive Front Lighting
February, 2020 ??Rev. 2
NCV78703 ONSEMI-NCV78703 Datasheet
427Kb / 35P
   Multiphase Booster LED Driver for Automotive Front Lighting
January, 2016 ??Rev. 0
NCV78703MW0R2G ONSEMI-NCV78703MW0R2G Datasheet
427Kb / 35P
   Multiphase Booster LED Driver for Automotive Front Lighting
January, 2016 ??Rev. 0
More results

Similar Description - NCV78713MW0G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD3380 UTC-ULD3380_16 Datasheet
111Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Unisonic Technologies
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
   HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com