Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3233 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3233
Description  High Current Synchronous Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3233 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3233 Datasheet HTML 5Page - ON Semiconductor NCP3233 Datasheet HTML 6Page - ON Semiconductor NCP3233 Datasheet HTML 7Page - ON Semiconductor NCP3233 Datasheet HTML 8Page - ON Semiconductor NCP3233 Datasheet HTML 9Page - ON Semiconductor NCP3233 Datasheet HTML 10Page - ON Semiconductor NCP3233 Datasheet HTML 11Page - ON Semiconductor NCP3233 Datasheet HTML 12Page - ON Semiconductor NCP3233 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP3233
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < +125°C, VIN = VCC = 12 V, for min/max values unless otherwise noted, TJ =
+25
°C for typical values)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
POWER SUPPLY
VIN Operation Voltage
VIN
3.0
21
V
VINX Operation Voltage
VINX
VINX not connected to GND
3.0
5.5
V
VCC Operation Voltage
VCC
Vin > 5 V
5.0
21
V
VB UVLO Threshold (Rising)
4.2
4.4
4.5
V
VB UVLO Threshold (Falling)
3.9
4.0
4.1
V
VINX UVLO Threshold (Rising)
2.7
2.9
3.05
V
VINX UVLO Threshold (Falling)
2.4
2.6
2.8
V
VINX UVLO Hysteresis
0.275
V
VB UVLO Falling Blanking Time
2
ms
VB Output Voltage
VB
VCC = 6 V, 0 < IB < 40 mA
4.9
5.15
5.45
V
VB Dropout Voltage
IB = 25 mA, VCC = 4.5 V
50
100
mV
VB Current Limit
VCC = 12 V
100
mA
VCC Quiescent Current
EN = H, COMP = H, no switching; PG open
4.5
7
mA
Shutdown Supply Current
EN = 0; VCC = 16 V; PG open
110
130
mA
EN = 0; VCC = 4.5 V; PG open
70
80
mA
XCP Frequency
VINx = 3.3 V
250
kHz
XCP Drive Low Resistance
VINx = 3.3 V
3.3
W
XCP Drive High Resistance
VINx = 3.3 V
7.7
W
FEEDBACK VOLTAGE
FB Input Voltage
VFB
TJ = 25°C, 4.5 V ≤ VCC ≤ 21 V
0.597
0.6
0.603
V
−40
°C < TJ < 125°C; 4.5 V ≤ VCC ≤ 21 V
0.594
0.6
0.606
Feedback Input Bias Current
IFB
VFB = 0.6 V
75
nA
ERROR AMPLIFIER
Open Loop DC Gain (GBD)
60
85
dB
Open Loop Unity Gain Band-
width
F0dB,EA
24
MHz
Open Loop Phase Margin
60
°
Slew Rate
COMP pin to GND = 10 pF
2.5
V/
m
COMP Clamp Voltage, High
3.1
3.4
3.6
V
COMP Clamp Voltage, Low
0.5
V
Output Source Current
VFB = 0 V
18
m
A
Output Sink Current
VFB = 1 V
20
m
A
CURRENT LIMIT
Low−side RDSON over ISET
Current
RDSON/ISET
TJ = 25°C
See OCP section for more information
56.5
59.0
61.5
W/A
Low−side ISET Current Source
Temperature Coefficient
TC_LS_I−SET
+0.23
%/
°C
Low−side OCP Switch−over
Threshold
600
mV
Low−side Programmable OCP
Range
LS_OCPth
Guaranteed by characterization
600
mV
High−side Fixed OCP
HS_OCP
30
A
HS OCP Min on time
HS_Tblnk
150
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP3233

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3233MNTXG ONSEMI-NCP3233MNTXG Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
More results

Similar Description - NCP3233

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com