Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3232N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3232N
Description  High Current Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3232N Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3232N Datasheet HTML 1Page - ON Semiconductor NCP3232N Datasheet HTML 2Page - ON Semiconductor NCP3232N Datasheet HTML 3Page - ON Semiconductor NCP3232N Datasheet HTML 4Page - ON Semiconductor NCP3232N Datasheet HTML 5Page - ON Semiconductor NCP3232N Datasheet HTML 6Page - ON Semiconductor NCP3232N Datasheet HTML 7Page - ON Semiconductor NCP3232N Datasheet HTML 8Page - ON Semiconductor NCP3232N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP3232N
www.onsemi.com
3
PIN DESCRIPTION
Pin No.
Symbol
Description
1
SS
A capacitor from this pin to GND allows the user to adjust the soft−start ramp time.
2
FB
Output voltage feedback.
3
COMP
Output of the error amplifier.
4
ISET
A resistor from this pin to ground sets the over−current protection (OCP) threshold.
5
AGND
Analog ground.
6
OTS
Negative input of internal thermal comparator. Tie this pin to ground if not in use.
7
PG
Power good indicator of the output voltage. Open−drain output. Connect PG to VDD with an extern-
al resistor
.
8−14, EP42
VIN
The VIN pin is connected to the internal power NMOS switch. The VIN pin has high di/dt edges and
must be decoupled to ground close to the pin of the device.
15, 29−34,
EP43
VSWH
The VSWH pin is the connection of the drain and source of the internal NMOS switches. At switch
off, the inductor will drive this pin below ground as the body diode and the NMOS conducts with a
high dv/dt.
16−28, 37
PGND
Ground reference and high−current return path for the bottom gate driver and low
- side NMOS
35
VSW
IC connection to the switch node between the top MOSFET and bottom MOSFET. Return path of
the high−side gate driver.
36
BST
Top gate driver input supply, a bootstrap capacitor connection between SWN and this pin.
38
VB
The internal LDO output and input supply for the charge pump. Connect a minimum of 4.7uF ce-
ramic capacitor from this pin to ground.
39
VCC
Input Supply for IC. This pin must be connected to VIN.
40
EN
Logic control for enabling the switcher. An internal pull−up enables the device automatically. The
EN pin can also be driven high to turn on the device, or low to turn off the device. A comparator
and precision reference allow the user to implement this pin as an adjustable UVLO circuit.
EP41
GND
Exposed Pad. Connect GND to a large copper plane at ground potential to improve thermal dissip-
ation.


Similar Part No. - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3230MNTXG ONSEMI-NCP3230MNTXG Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
More results

Similar Description - NCP3232N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com