Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1124AP65G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1124AP65G
Description  High Voltage Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1124AP65G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1124AP65G Datasheet HTML 4Page - ON Semiconductor NCP1124AP65G Datasheet HTML 5Page - ON Semiconductor NCP1124AP65G Datasheet HTML 6Page - ON Semiconductor NCP1124AP65G Datasheet HTML 7Page - ON Semiconductor NCP1124AP65G Datasheet HTML 8Page - ON Semiconductor NCP1124AP65G Datasheet HTML 9Page - ON Semiconductor NCP1124AP65G Datasheet HTML 10Page - ON Semiconductor NCP1124AP65G Datasheet HTML 11Page - ON Semiconductor NCP1124AP65G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP1124, NCP1126, NCP1129
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 9. NCP1124 ICC(latch) vs. Junction
Temperature
TEMPERATURE (
°C)
−50
0
10
20
30
40
125
100
−25
0
25
50
75
Figure 10. NCP1124 VILIM vs. Junction
Temperature
TEMPERATURE (
°C)
−50
125
100
−25
0
25
50
75
65 kHz
100 kHz
65 kHz
100 kHz
0.760
0.765
0.770
0.775
0.780
0.785
0.790
0.795
Figure 11. NCP1126 ICC(latch) vs. Junction
Temperature
TEMPERATURE (
°C)
125
85
25
0
−40
0
10
20
30
40
65 kHz
100 kHz
Figure 12. NCP1126 VILIM vs. Junction
Temperature
TEMPERATURE (
°C)
125
85
25
0
−40
0.760
0.765
0.770
0.775
0.780
0.785
0.790
0.795
65 kHz
100 kHz
Figure 13. NCP1129 ICC(latch) vs. Junction
Temperature
TEMPERATURE (
°C)
125
100
85
25
0
−25
−40
15
20
25
30
35
40
65 kHz
100 kHz
Figure 14. NCP1129 VILIM vs. Junction
Temperature
TEMPERATURE (
°C)
125
100
85
25
0
−25
−40
0.770
0.775
0.780
0.785
0.790
0.795
65 kHz
100 kHz


Similar Part No. - NCP1124AP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP112D ONSEMI-NCP112D Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DG ONSEMI-NCP112DG Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DR2 ONSEMI-NCP112DR2 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
More results

Similar Description - NCP1124AP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060 ONSEMI-NCP1060 Datasheet
369Kb / 30P
   High-Voltage Switcher
December, 2015 ??Rev. 1
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
   High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
   High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com