Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT2N25E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMFT2N25E
Description  High Energy Power FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT2N25E Datasheet(HTML) 2 Page - ON Semiconductor

  MMFT2N25E Datasheet HTML 1Page - ON Semiconductor MMFT2N25E Datasheet HTML 2Page - ON Semiconductor MMFT2N25E Datasheet HTML 3Page - ON Semiconductor MMFT2N25E Datasheet HTML 4Page - ON Semiconductor MMFT2N25E Datasheet HTML 5Page - ON Semiconductor MMFT2N25E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMFT2N25E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0, ID = 0.25 mA)
Temperature Coefficient (Positive)
BVDSS
250
324
Vdc
V/°C
Zero Gate Voltage Drain Current
(VDS = 250 V, VGS = 0)
(VDS = 250 V, VGS = 0, TJ = 125°C)
IDSS
10
100
μAdc
Gate−Body Leakage Current
(VGS = ±20 V, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mA)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
5.7
4.0
Vdc
mV/°C
Static Drain−to−Source On−Resistance
(VGS = 10 V, ID = 1.0 Adc)
RDS(on)
2.1
3.5
Ohms
Drain−to−Source On−Voltage
(VGS = 10 V, ID = 2.0 A)
(VGS = 10 V, ID = 1.0 A, TJ = 125°C)
VDS(on)
8.40
7.35
Vdc
Forward Transconductance
(VDS = 8.0 V, ID = 2.0 Adc)
gFS
0.44
1.2
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V,
VGS = 0,
f = 1.0 MHz)
Ciss
137
190
pF
Output Capacitance
Coss
30
40
Transfer Capacitance
Crss
7.0
10
SWITCHING CHARACTERISTICS (1)
Turn−On Delay Time
(VDS = 125 V,
ID = 2.0 A,
RG = 9.1 Ohms,
VGS = 10 V)
td(on)
9.2
20
ns
Rise Time
tr
6.6
10
Turn−Off Delay Time
td(off)
13
30
Fall Time
tf
8.5
20
Gate Charge
(VDS = 200 V,
ID = 2.0 A,
VGS = 10 V)
QT
4.7
10
nC
Q1
1.3
Q2
3.2
Q3
2.3
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
IS = 2.0 A, VGS = 0 V
VSD
0.94
2.0
Vdc
IS = 2.0 A, VGS = 0 V, TJ = 125°C
VSD
0.83
Reverse Recovery Time
(IS = 2.0 A,
dlS/dt = 100 A/μs)
trr
104
nS
ta
63
tb
41
Reverse Recovery Stored Charge
qrr
0.365
mC
(1) Pulse Test: Pulse Width ≤ 300 μS, Duty Cycle ≤ 2%.


Similar Part No. - MMFT2N25E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
More results

Similar Description - MMFT2N25E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com