Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5011MD Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV5011MD
Description  LED Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5011MD Datasheet(HTML) 2 Page - ON Semiconductor

  LV5011MD Datasheet HTML 1Page - ON Semiconductor LV5011MD Datasheet HTML 2Page - ON Semiconductor LV5011MD Datasheet HTML 3Page - ON Semiconductor LV5011MD Datasheet HTML 4Page - ON Semiconductor LV5011MD Datasheet HTML 5Page - ON Semiconductor LV5011MD Datasheet HTML 6Page - ON Semiconductor LV5011MD Datasheet HTML 7Page - ON Semiconductor LV5011MD Datasheet HTML 8Page - ON Semiconductor LV5011MD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LV5011MD
No.A2201-2/11
Recommended Operating Conditions
at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
8.5 to 24
V
Electrical Characteristics
at Ta
 25C, VIN = 12V, unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reference Voltage block
Built-in Reference Voltage
VREF
0.585
0.605
0.625
V
VREF VIN line regulation
VREF_LN
VIN = 8.5 to 24V
±0.5
%
Under Voltage Lockout
Operation Start Input
Voltage
UVLOON
8
9
10
V
Operation Stop Input
Voltage
UVLOOFF
6.3
7.3
8.3
V
Hysteresis Voltage
UVLOH
1.7
V
Oscillation
Frequency
FOSC
55
70
85
kHz
Maximum ON duty
MAXDuty
93
%
Comparator
Input offset Voltage
(Between CS and REF_IN)
VIO_RI
1
10
mV
Input current
IIOCS
160
nA
IIOREF
80
nA
CS pin max voltage
VOM
1
V
FET output stage
Drain Leakage current
ILK
VDrain=480V
100
uA
Power FET ON resistor
Ron
VIN=12V
9.5
Minimum On time
TMIN
200
ns
Thermal protection Circuit
Thermal shutdown
temperature
TSD
*Design guarantee
165
C
Thermal shutdown
hysteresis
TSD
*Design guarantee
30
C
TRIAC Stabilization Circuit
Threshold of OUT2
VACS
OUT2=High [ less than right record ]
2.8
3.0
3.2
V
OUT2 sink current
IO2I
VIN=12V, OUT2=6V
0.6
mA
OUT2 source current
IO2O
VIN=12V, OUT2=6V
0.6
mA
VCC current
UVLO mode VIN current
ICCOFF
VINUVLOOFF
120
160
A
Normal mode VIN current
ICCON
VIN=12V
1.0
mA
VIN Over Voltage Protection Circuit
VIN over voltage protection
voltage
VINOVP
24
27
30
V
VIN Current at OVP
IINOVP
VIN=30V
0.7
1.0
1.5
mA
CS terminal abnormal sensing circuit
Abnormal sensing voltage
CSOCP
1.9
V
*: Design guarantee (value guaranteed by design and not tested before shipment)


Similar Part No. - LV5011MD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5012MD-AH ONSEMI-LV5012MD-AH Datasheet
429Kb / 16P
   LED Driver IC
October, 2013
More results

Similar Description - LV5011MD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com