Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21TMR6 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS21TMR6
Description  High Voltage Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21TMR6 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS21TMR6 Datasheet HTML 1Page - ON Semiconductor BAS21TMR6 Datasheet HTML 2Page - ON Semiconductor BAS21TMR6 Datasheet HTML 3Page - ON Semiconductor BAS21TMR6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 1
Publication Order Number:
BAS21TMR6/D
1
BAS21TMR6
High Voltage Switching
Diode
The BAS21TMR6T1G device houses three high−voltage switching
diodes in a SC−74 surface mount package. This device is ideal for
low−power surface mount applications where board space is at a
premium.
Features
Reduces Board Space
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
250
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1) TA = 25°C
Derate above 25
°C
PD
311
2.5
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
402
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
347
2.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
360
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 @ 10 mm2, 2 oz copper traces
2. FR−4 @ 25 mm2, 2 oz copper traces
250 V
HIGH VOLTAGE
SWITCHING DIODE
www.onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
SC−74
CASE 318F
1 2
4
3
5
6
MARKING DIAGRAM
BAS21TMR6T1G
SC−74
(Pb−Free)
3000 /
Tape & Reel
RAA M
G
G
RAA
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
1
23
65
4
NSVBAS21TMR6T1G
SC−74
(Pb−Free)
3000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NSVBAS21TMR6T2G
SC−74
(Pb−Free)
3000 /
Tape & Reel


Similar Part No. - BAS21TMR6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM Datasheet
113Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
BAS21TM-7 DIODES-BAS21TM-7 Datasheet
113Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
BAS21TM-7 DIODES-BAS21TM-7 Datasheet
198Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
198Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
More results

Similar Description - BAS21TMR6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com