Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS5BH Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LS5BH
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS5BH Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LS5BH_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS5BH_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS5BH_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS5BH_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS5BH
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 5A
www.goodark.com
2/4
2014.03-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive 
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics 
Figure 4 Typical Instantaneous
g
yp
Figure 4. Typical Instantaneous 
Forward Characteristics 
Figure 5. Typical Junction Capacitance
www.goodark.com
2/4
2014.03-Rev.A


Similar Part No. - LS5BH_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS5BH GOOD-ARK-LS5BH Datasheet
371Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - LS5BH_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
logo
GOOD-ARK Electronics
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
   Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com